Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6962-1AE-5D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ6962-1AE-5D
Description  10 AMP SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ6962-1AE-5D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ6962-1AE-5D Datasheet HTML 1Page - ZETTLER Electronics AZ6962-1AE-5D Datasheet HTML 2Page - ZETTLER Electronics AZ6962-1AE-5D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
[28.5]
1.122
[12.5]
.492
[3.6]
.142
[0.8]
3 x .031
[0.4]
3 x .016
[0.3]
.012
[ø 0.5]
2 x ø .020
[10.1]
.398
1 FORM C
VIEWED TOWARD TERMINALS
FORM C VERSION
CIRCUIT DIAGRAM
PC BOARD LAYOUT
.398
[10.1]
[12.5]
.492
.012
[0.3]
2 x .031
[0.8]
[0.4]
2 x .016
2 x ø .020
[ø 0.5]
.142
[3.6]
FORM A and FORM B VERSION
[28.5]
1.122
14
23
5
1 FORM A
13
24
[3.2]
.126
.050
[1.3]
[ø 1.3]
.298
[7.56]
.744
[18.9]
.116
[2.95]
.198
[5.04]
4 x ø .051
.126
[3.2]
.870
[22.1]
[ø 1.3]
5 x ø .051
[1.3]
.050
[1.57]
.062
[7.56]
.298
1 FORM A
1 FORM B
1 FORM C
VIEWED TOWARD TERMINALS
13
24
1 FORM B
2015-03-31
AZ6962
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm
(SPST-NO)
(SPDT)
5
3.5
11.6
113 ± 10%
AZ6962–1AE–5D
AZ6962–1CE–5D
6
4.2
14.0
164 ± 10%
AZ6962–1AE–6D
AZ6962–1CE–6D
9
6.3
20.8
360 ± 10%
AZ6962–1AE–9D
AZ6962–1CE–9D
12
8.4
27.2
620 ± 10%
AZ6962–1AE–12D
AZ6962–1CE–12D
15
10.5
31.0
970 ± 10%
AZ6962–1AE–15D
AZ6962–1CE–15D
18
12.6
39.4
1,295 ± 10%
AZ6962–1AE–18D
AZ6962–1CE–18D
24
16.8
53.1
2,350 ± 10%
AZ6962–1AE–24D
AZ6962–1CE–24D
48
33.6
98.0
8,000 ± 15%
AZ6962–1AE–48D
AZ6962–1CE–48D
60
42.0
122.4
12,500 ± 15%
AZ6962–1AE–60D
AZ6962–1CE–60D
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Percent of Nominal Coil Voltage at 20
°C
60%
80%
100%
120%
140%
160%
180%
200%
220%
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
10A
0A
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOLTAGE
DC Resistive
Load
AC Resistive
Load
Maximum Switching Capacity
(1 Form A, 1 Form B and 1 Form C)
Coil Temperature Rise
* “1AE” or “1CE” denote silver tin oxide contacts.
Substitute “1BE” in place of “1AE” or “1CE for 1 Form B relay.
Substitute “1AB” or “1BB” or “1CB” in place of “1AE” or “1BE” or “1CE” for silver nickel contacts.
Add suffix “E” at the end of order number for sealed version.
Add suffix “A” at the end of order number for gold plated contacts.
Note: 15 VDC coil is not VDE approved!


Similar Part No. - AZ6962-1AE-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6962-1AE-5D ZETTLER-AZ6962-1AE-5D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962-1AE-5DE AZETTLER-AZ6962-1AE-5DE Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6962-1AE-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com