Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9371 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ9371
Description  SENSITIVE SUBMINIATURE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ9371 Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ9371 Datasheet HTML 1Page - ZETTLER Electronics AZ9371 Datasheet HTML 2Page - ZETTLER Electronics AZ9371 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ9371
MECHANICAL DATA
Attention! Grid is not 0.1” (2.54 mm)!!
20.5 max
WIRING DIAGRAM
Viewed toward terminals
75
13
1
PC BOARD LAYOUT
Viewed toward terminals
4 x ø 1.1
0.8
11.5
7.0
20.5 max
0.8
15
3.5
0.3 - 0.1
+ 0.15
Ø 0.4 - 0.05
+ 0.2
7
11.5
WIRING DIAGRAM
Viewed toward terminals
7
5
13
1
PC BOARD LAYOUT
Viewed toward terminals
4 x ø 1.1
3.5
15
Standard Pinning Outline Dimensions
Version"K" Pinning Outline Dimensions
4.7
4.7
0.3 - 0.1
+ 0.15
0.3 - 0.1
+ 0.15
Ø 0.4 - 0.05
+ 0.2
0.3 - 0.1
+ 0.15
2014-09-25


Similar Part No. - AZ9371

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9371 AZETTLER-AZ9371 Datasheet
1Mb / 3P
   SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ9371

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com