Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8462-6 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ8462-6
Description  MICROMINIATURE POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ8462-6 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ8462-6 Datasheet HTML 1Page - ZETTLER Electronics AZ8462-6 Datasheet HTML 2Page - ZETTLER Electronics AZ8462-6 Datasheet HTML 3Page - ZETTLER Electronics AZ8462-6 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-26
AZ8462
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 62.5 VA
Max. switched current: 2 A
Max. switched voltage: 220 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
3 A at 30 VDC, resistive, 85°C, 100k cycles
2 A at 30 VDC resistive, 105°C, 100k cycles *
0.3 A at 110 VDC, resistive, 85°C, 100k cycles
0.5 A at 125 VAC, general use, 85°C
* not approved for 48 VDC coil or latching versions.
Material
Silver nickel gold plated
Resistance
< 50 milliohms initially
MICROMINIATURE
POLARIZED RELAY
FEATURES
• SMT and DIP mounting available
• Microminiature size: up to 50% less board area than
previous generation telecom relays
• High dielectric and surge voltage:
2.5 kV surge (per Bellcore TA-NWT-001089)
1.5 kV surge (per FCC Part 68)
1,000 Vrms, open contacts
2,000 Vrms, coil to contacts
• Monostable and bistable (latching) versions available
• Minimum switching load 10 mV, 10 µA
• Low power consumption: 79 mW pickup
• Stable contact resistance for low level signal switching
• Epoxy sealed
• UL, CUR file E43203
GENERAL DATA
Life Expectancy
Mechanical
Electrical
Minimum operations
1 x 108
5 x 105 at 1 A 30 VDC, resistive
1 x 105 at 2 A 30 VDC, resistive
1 x 105 at 0.5 A 120 VAC, resistive
Operate Time (max.)
4 ms at nominal coil voltage
Release Time (max.)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
2000 Vrms coil to contact
1500 Vrms between contact sets
1000 Vrms between open contacts
Surge Voltage
Coil to contacts
Open contacts
2500 V (at 2/10 µs)
1500 V (at 10/160 µs)
Insulation
Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 105°C (221°F)
Vibration
3.3 mm DA at 10–55 Hz
Shock
75 g operating, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
see soldering profile
Max. Solder Time
see soldering profile
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
2.3 grams
Packing unit in pcs
40 per plastic tube
400 per reel
CONTACTS
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
(at nominal voltage)
Monostable: 79 mW (1.5 - 24 VDC coil)
Monostable: 152 mW (48 VDC coil)
Bistable latching (single coil): 57 mW
Bistable latching (dual coil): 114 mW
0.39 W at 20°C (68°F) ambient
25°C (45°F) at nominal coil voltage
Temperature
Max. 155°C (311°F) Class F
COIL
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Specifications subject to change without notice.
NOTES


Similar Part No. - AZ8462-6

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8462-6 AZETTLER-AZ8462-6 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ8462-6

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com