Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHD3-40 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD3-40
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD3-40 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD3-40_15 Datasheet HTML 1Page - Central Semiconductor Corp CSHD3-40_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHD3-40
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIER
3.0 AMP, 40 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD3-40 is a
high quality, highly reliable silicon Schottky rectifier
designed for use in all types of commercial, industrial,
entertainment, computer and automotive applications.
MARKING: FULL PART NUMBER
DPAK CASE
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Rectified Forward Current (TC=120°C)
IO
3.0
A
Peak Forward Surge Current, tp=10ms
IFSM
75
A
Peak Repetitive Reverse Surge Current, tp=2.0μs
IRRM
1.0
A
Critical Rate of Rise of Reverse Voltage
dv/dt
10,000
V/μs
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
5.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=40V
100
μA
IR
VR=40V, TC=125°C
10
mA
VF
IF=3.0A
0.65
V
VF
IF=3.0A, TC=125°C
0.60
V
R9 (21-January 2013)
www.centr a lsemi.com


Similar Part No. - CSHD3-40_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-40 CENTRAL-CSHD3-40_10 Datasheet
423Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 40 VOLTS
More results

Similar Description - CSHD3-40_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-60 CENTRAL-CSHD3-60_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-100MHV CENTRAL-CMSH3-100MHV_15 Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-20M CENTRAL-CMSH3-20M_15 Datasheet
296Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH4-200M364 CENTRAL-CTLSH4-200M364_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-45L CENTRAL-CTLSH10-45L Datasheet
655Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH-4 CENTRAL-CZSH-4_15 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH1-20 CENTRAL-CMSH1-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH2-20 CENTRAL-CMSH2-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com