Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6962-1AE-18D Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ6962-1AE-18D
Description  10 AMP SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ6962-1AE-18D Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ6962-1AE-18D Datasheet HTML 1Page - ZETTLER Electronics AZ6962-1AE-18D Datasheet HTML 2Page - ZETTLER Electronics AZ6962-1AE-18D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31
AZ6962
Load Type
Cycles
Voltage
1 Form A
(N.O.)
1 Form B
(N.C.)
1 Form C
Contact
Material
Ambient
Temperature
(N.O.)
(N.C.)
Resistive
100k
250 VAC
8 A
8 A
-
-
[1][2]
85°C
100k
250 VAC
10 A *
-
-
-
[1]
70°C
100k
250 VAC
-
-
8 A
8 A
[2]
85°C
10k
250 VAC
-
-
8 A
-
[1]
85°C
100k
250 VAC
-
-
-
8A
[1]
85°C
100k
250 VAC
-
-
10 A
-
[2]
85°C
Inductive
VDE 0631
Part 1
50k
250 VAC
10(4) A *
-
-
-
[1]
85°C
100k
250 VAC
-
2(2) A
-
-
[2]
85°C
100k
250 VAC
-
-
2(2) A
2(2) A
[1]
85°C
100k
250 VAC
-
-
8(4) A
-
[1]
85°C
30k
250 VAC
-
-
-
6(4) A
[1]
85°C
Inductive
AC-15
100k
250 VAC
On: 30 A
cos phi 0.7
-
On: 30 A
cos phi 0.7
-
[1]
85°C
100k
250 VAC
Off: 3 A
cos phi 0.4
-
Off: 3 A
cos phi 0.4
-
[1]
85°C
UL/CUR FILE E44211 APPROVED CONTACT RATING
VDE CERTIFICATE 40025524 APPROVED CONTACT RATING
Load Type
Cycles
Voltage
1 Form A
(N.O.)
1 Form B
(N.C.)
1 Form C
Contact
Material
Ambient
Temperature
(N.O.)
(N.C.)
Resistive
100k
250 VAC
10 A
-
10 A
-
[1][2]
85°C
30k
250 VAC
10 A
10 A
10 A
10 A
[1][2]
85°C
30k
30 VDC
10 A
10 A
10 A
10 A
[1][2]
85°C
General Use
100k
250 VAC
4A
-
4 A
-
[2]
110°C
100k
30 VDC
4A
-
4 A
-
[2]
110°C
30k
250 VDC
10 A
10 A
10 A
10 A
[2]
70°C
MotorLoad
30k
240 VAC
1/2 HP
-
1/3 HP
-
[1][2]
85°C
30k
120 VAC
1/3 HP
-
1/3 HP
-
[1]
85°C
Pilot Duty
-
30 VDC
1 A
1 A
1 A
1 A
[2]
85°C
Inductive
-
-
B300
B300
B300
B300
[1][2]
85°C
-
-
R300
R300
R300
R300
[1][2]
85°C
* with open vent hole
[1] Silver tin oxide
[2] Silver nickel


Similar Part No. - AZ6962-1AE-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6962-1AE-18D ZETTLER-AZ6962-1AE-18D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962-1AE-18DE AZETTLER-AZ6962-1AE-18DE Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6962-1AE-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com