Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9405-1A-24DF Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ9405-1A-24DF
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ9405-1A-24DF Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ9405-1A-24DF Datasheet HTML 1Page - ZETTLER Electronics AZ9405-1A-24DF Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-01-16
AZ9405
RELAY ORDERING DATA
STANDARD COIL
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
Form A (SPST)
Form C (SPDT)
3
2.1
3.9
22.5
AZ9405-1A-3DF
AZ9405-1C-3DF
5
3.5
6.5
63
AZ9405-1A-5DF
AZ9405-1C-5DF
6
4.2
7.8
90
AZ9405-1A-6DF
AZ9405-1C-6DF
9
6.3
11.7
202.5
AZ9405-1A-9DF
AZ9405-1C-9DF
12
8.4
15.6
360
AZ9405-1A-12DF
AZ9405-1C-12DF
18
12.6
23.4
810
AZ9405-1A-18DF
AZ9405-1C-18DF
24
16.8
31.2
1,440
AZ9405-1A-24DF
AZ9405-1C-24DF
48
33.6
62.4
5,760
AZ9405-1A-48DF
AZ9405-1C-48DF
SENSITIVE COIL
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
Form A (SPST)
Form C (SPDT)
3
2.25
3.9
45
AZ9405-1A-3DSF
AZ9405-1C-3DSF
5
3.75
6.5
125
AZ9405-1A-5DSF
AZ9405-1C-5DSF
6
4.50
7.8
180
AZ9405-1A-6DSF
AZ9405-1C-6DSF
9
6.75
11.7
400
AZ9405-1A-9DSF
AZ9405-1C-9DSF
12
9.00
15.6
720
AZ9405-1A-12DSF
AZ9405-1C-12DSF
18
13.50
23.4
1,620
AZ9405-1A-18DSF
AZ9405-1C-18DSF
24
18.00
31.2
2,800
AZ9405-1A-24DSF
AZ9405-1C-24DSF
* Add suffix “E” before “F” at the end of order number for sealed version.
MECHANICAL DATA
.045
[1.15]
.400
.300
[10.16]
.100
[7.62]
[3 x 0.80±0.12]
3 x.031±.005
.300
[7.62]
[2 x 0.45±0.12]
2 x.018±.005
[3.8]
5 x.149
max. .40
[max. 10.3]
max. .61
[max.15.5]
.016
[3 x 0.24±0.12]
3 x.009±.005
[0.4]
max. .80
[max. 20.3]
.043
[1.10]
5 x ø .051
[2.54]
[ø 1.3]
FORM C
FORM A
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
15
8
16
10
15
8
[2 x 0.45±0.12]
2 x.018±.005
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ9405-1A-24DF

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9405 AZETTLER-AZ9405 Datasheet
640Kb / 2P
   10 Amp switching capability
More results

Similar Description - AZ9405-1A-24DF

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com