Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT493ATA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT493ATA
Description  60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT493ATA Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT493ATA Datasheet HTML 1Page - Diodes Incorporated FZT493ATA Datasheet HTML 2Page - Diodes Incorporated FZT493ATA Datasheet HTML 3Page - Diodes Incorporated FZT493ATA Datasheet HTML 4Page - Diodes Incorporated FZT493ATA Datasheet HTML 5Page - Diodes Incorporated FZT493ATA Datasheet HTML 6Page - Diodes Incorporated FZT493ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT493A
Document number: DS37545 Rev. 1 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT493A
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10m
100m
1m
10m
100m
1
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1m
10m
100m
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
1000
1200
1400
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT)
v I
C
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE
v I
C
V
CE
=10V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON)
v I
C
V
CE
=10V
100°C
25°C
-55°C
I
C
Collector Current (A)


Similar Part No. - FZT493ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results

Similar Description - FZT493ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_12 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851 DIODES-FZT851_15 Datasheet
584Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BTA DIODES-FZT692BTA Datasheet
1Mb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com