Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLSH1-40M322S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLSH1-40M322S
Description  SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH1-40M322S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLSH1-40M322S Datasheet HTML 1Page - Central Semiconductor Corp CTLSH1-40M322S Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLSH1-40M322S
SURFACE MOUNT
HIGH CURRENT, LOW VF
SILICON SCHOTTKY RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLSH1-40M322S
is a low VF Schottky rectifier designed for applications
where small size and operational efficiency are prime
requirements. With a maximum power dissipation
of 1.45W, and a very small package footprint
(approximately equal to the SOT-363), this Tiny
Leadless Module (TLM) is capable of dissipating up to
4 times the power of similar devices in a comparable
surface mount package.
MARKING CODE: CBAS
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
1.0
A
Peak Repetitive Forward Current, tp<1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp=8.0ms
IFSM
10
A
Power Dissipation (Note 1)
PD
1.45
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
86.2
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=5.0V
10
μA
IR
VR=8.0V
20
μA
IR
VR=15V
50
μA
IR
VR=40V
0.2
mA
IR
VR=40V, TA=100°C
20
mA
BVR
IR=100μA
40
V
VF
IF=10mA
0.29
V
VF
IF=100mA
0.36
V
VF
IF=500mA
0.45
V
VF
IF=1.0A
0.55
V
CJ
VR=4.0V, f=1.0MHz
50
pF
trr
IF=IR=500mA, Irr=50mA, RL=50Ω
15
ns
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 21mm2.
FEATURES:
• High forward current (IF=1.0A)
• Low forward voltage drop (VF=0.55V MAX @ 1.0A)
• High thermal efficiency
APPLICATIONS:
• DC-DC converters
• Reverse battery protection
• Battery powered devices including cell phones,
PDAs, digital cameras, MP3 players, etc.
TLM322S CASE
R0 (27-September 2012)
www.centr a lsemi.com


Similar Part No. - CTLSH1-40M322S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322 Datasheet
149Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE TINY LEADLESS MODULE
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_10 Datasheet
443Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CTLSH1-40M322S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833S CENTRAL-CTLSH3-30M833S_15 Datasheet
600Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM8110-M832D CENTRAL-CTLM8110-M832D_15 Datasheet
602Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com