Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD32CQ-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MJD32CQ-13
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CQ-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  MJD32CQ-13 Datasheet HTML 1Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 2Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 3Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 4Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 5Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 6Page - Diodes Incorporated MJD32CQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MJD32CQ
Document number: DS37050 Rev. 1 - 2
1 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD32CQ
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Description
This Bipolar Junction Transistor (BJT) has been designed to meet the
stringent requirements of Automotive Applications.
Features
BVCEO > -100V
IC = -3A high Continuous Collector Current
ICM = -5A Peak Pulse Current
Ideal for Power Switching or Amplification Applications
Complementary NPN Type: MJD31CQ
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, "Green" Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.34 grams (approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MJD32CQ-13
Automotive
MJD32C
13
16
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Device Schematic
Pin Out Configuration
Top view
MJD32C = Product Type Marking Code
= Manufacturers’ code marking
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 10 = 2010)
WW = Week Code (01 - 53)
TO252 (DPAK)
C
E
B


Similar Part No. - MJD32CQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD32CQ-13 DIODES-MJD32CQ-13 Datasheet
433Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MJD32CQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
MJD31CQ DIODES-MJD31CQ Datasheet
316Kb / 7P
   100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
   32V PNP MEDIUM POWER TRANSISTOR IN TO252
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com