Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904FA-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT3904FA-7B
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FA-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT3904FA-7B Datasheet HTML 1Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 2Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 3Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 4Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 5Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 6Page - Diodes Incorporated MMBT3904FA-7B Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3904FA
Document number: DS36016 Rev. 1 - 2
2 of 7
www.diodes.com
July 2013
© Diodes Incorporated
MMBT3904FA
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Peak Pulse Collector Current
ICM
500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
435
mW
Thermal Resistance, Junction to Ambient (Note 5)
RJA
287
C/W
Thermal Resistance, Junction to Lead (Note 6)
RJL
150
C/W
Operating and Storage and Temperature Range
TJ, TSTG
-55 to +150
C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - MMBT3904FA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
More results

Similar Description - MMBT3904FA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FA DIODES-MMBT3906FA Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
BC857BFA DIODES-BC857BFA_15 Datasheet
213Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
DXT3904 DIODES-DXT3904_15 Datasheet
392Kb / 6P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT89
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3904FZ DIODES-MMBT3904FZ Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com