Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLSH10-45M364 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CTLSH10-45M364
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH10-45M364 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CTLSH10-45M364_15 Datasheet HTML 1Page - Central Semiconductor Corp CTLSH10-45M364_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTLSH10-45M364
SURFACE MOUNT
LOW VF
SILICON SCHOTTKY RECTIFIER
TLM364 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) Anode
3) Cathode
MARKING CODE: CTSH1045
SUGGESTED MOUNTING PADS
(Dimensions in mm)
www.centr a lsemi.com
R1 (2-August 2012)


Similar Part No. - CTLSH10-45M364_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH10-45M364 CENTRAL-CTLSH10-45M364 Datasheet
1Mb / 2P
   10A, 45V Low VF Schottky Rectifier in the TLM364 package
More results

Similar Description - CTLSH10-45M364_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-60 CENTRAL-CSHD3-60_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-100MHV CENTRAL-CMSH3-100MHV_15 Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-20M CENTRAL-CMSH3-20M_15 Datasheet
296Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH4-200M364 CENTRAL-CTLSH4-200M364_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-45L CENTRAL-CTLSH10-45L Datasheet
655Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH-4 CENTRAL-CZSH-4_15 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH1-20 CENTRAL-CMSH1-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH2-20 CENTRAL-CMSH2-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CSHD3-40 CENTRAL-CSHD3-40_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com