Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5408 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1N5408
Description  3A GENERAL DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N5408 Datasheet(HTML) 1 Page - Leshan Radio Company

  1N5408 Datasheet HTML 1Page - Leshan Radio Company 1N5408 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
28A–1/2
3A
3A GENERAL DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
3.0
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
1N5400– 1N5408
105
200
5.0
3.0
1.1
DO –
201AD
1N5400
1N5401
1N5402
1N5404
1N5406
1N5407
1N5408
50
100
200
400
600
800
1000
.052(1.3)
DIA
.048(1.2)
.220(5.6)
DIA
.197(5.0)
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
DO – 201AD


Similar Part No. - 1N5408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5408 MOTOROLA-1N5408 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5408 NAINA-1N5408 Datasheet
103Kb / 2P
   General Purpose Rectifier, 3.0A
logo
Diotec Semiconductor
1N5408 DIOTEC-1N5408 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
DONGGUAN YOU FENG WEI E...
1N5408 YFWDIODE-1N5408 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Bytes
1N5408 BYTES-1N5408 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
More results

Similar Description - 1N5408

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
logo
New Jersey Semi-Conduct...
3FR NJSEMI-3FR Datasheet
218Kb / 3P
   Standard Recovery Diodes 3A
logo
Leshan Radio Company
HER301 LRC-HER301 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
HER301 LRC-HER301 Datasheet
63Kb / 2P
   3A HIGH EFFICIENCY DIODES
FR301 LRC-FR301 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Frontier Electronics.
GP30-005R-LFR FRONTIER-GP30-005R-LFR Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rohm
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
   General purpose amplification (-12V, -3A)
logo
Frontier Electronics.
1N5400-LFR FRONTIER-1N5400-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shindengen Electric Mfg...
D3F60 SHINDENGEN-D3F60 Datasheet
270Kb / 5P
   General Purpose Rectifiers(600V 3A)
logo
Frontier Electronics.
1N5400 FRONTIER-1N5400 Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com