Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906FA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMBT3906FA
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906FA Datasheet(HTML) 5 Page - Diodes Incorporated

  MMBT3906FA Datasheet HTML 1Page - Diodes Incorporated MMBT3906FA Datasheet HTML 2Page - Diodes Incorporated MMBT3906FA Datasheet HTML 3Page - Diodes Incorporated MMBT3906FA Datasheet HTML 4Page - Diodes Incorporated MMBT3906FA Datasheet HTML 5Page - Diodes Incorporated MMBT3906FA Datasheet HTML 6Page - Diodes Incorporated MMBT3906FA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT3906FA
Document number: DS36017 Rev. 1 - 2
5 of 7
www.diodes.com
July 2013
© Diodes Incorporated
MMBT3906FA
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
0.04
0.08
0.12
0.16
0.20
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = -2mA
B
I = -0.2mA
B
I = -0.4mA
B
I = -0.6mA
B
I = -0.8mA
B
I = -1.6mA
B
I = -1.4mA
B
I = -1.2mA
B
I = -1.8mA
B
I = -1mA
B
110
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
300
350
400
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
V
= 1V
CE
110
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
T = -55°C
A
I/I = 10
CB
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
T = -55°C
A
I/I = 20
CB
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
Gain = 10
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
Gain = 10


Similar Part No. - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
More results

Similar Description - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
BC857BFA DIODES-BC857BFA_15 Datasheet
213Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com