Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906FA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT3906FA
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906FA Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT3906FA Datasheet HTML 1Page - Diodes Incorporated MMBT3906FA Datasheet HTML 2Page - Diodes Incorporated MMBT3906FA Datasheet HTML 3Page - Diodes Incorporated MMBT3906FA Datasheet HTML 4Page - Diodes Incorporated MMBT3906FA Datasheet HTML 5Page - Diodes Incorporated MMBT3906FA Datasheet HTML 6Page - Diodes Incorporated MMBT3906FA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT3906FA
Document number: DS36017 Rev. 1 - 2
4 of 7
www.diodes.com
July 2013
© Diodes Incorporated
MMBT3906FA
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-40
V
IC = -10µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-40
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-6.0
V
IE = -10µA, IC = 0
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
Collector Cutoff Current
ICBO
-50
nA
VCB = -30V, IE = 0
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ON CHARACTERISTICS (Note 8)
DC Current Gain
hFE
60
80
100
60
30
300
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -50mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.25
-0.40
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.65
-0.85
-0.95
V
IC = -10mA, IB = -1.0mA
IC =- 50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
2.0
12
k
VCE = -10V, IC = -1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.1
10
x 10
-4
Small Signal Current Gain
hfe
100
400
Output Admittance
hoe
3.0
60
µS
Current Gain-Bandwidth Product
fT
300
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = -3.0V, IC = -10mA,
VBE(off) = 0.5V, IB1 = -1.0mA
Rise Time
tr
35
ns
Storage Time
ts
225
ns
VCC = -3.0V, IC = -10mA,
IB1 = IB2 = -1.0mA
Fall Time
tf
75
ns
Note:
8. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.


Similar Part No. - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
More results

Similar Description - MMBT3906FA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904FA DIODES-MMBT3904FA_15 Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
BC857BFA DIODES-BC857BFA_15 Datasheet
213Kb / 6P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com