Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3S160 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S160
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S160 Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S160_15 Datasheet HTML 1Page - Diodes Incorporated PD3S160_15 Datasheet HTML 2Page - Diodes Incorporated PD3S160_15 Datasheet HTML 3Page - Diodes Incorporated PD3S160_15 Datasheet HTML 4Page - Diodes Incorporated PD3S160_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PD3S160
Document number: DS30899 Rev. 7 - 2
2 of 5
www.diodes.com
September 2012
© Diodes Incorporated
PD3S160
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Forward Current (See also figure 4)
IF(AV)
1.0
A
Repetitive Peak Forward Current tρ ≤ 1ms; δ ≤ 0.25
IFRM
8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
22
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
6
°C/W
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
173
°C/W
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
60
V
IR = 100μA
Forward Voltage
VF
0.40
0.55
0.45
0.58
0.64
V
IF = 0.1A
IF = 0.7A
IF = 1.0A
Leakage Current (Note 4)
IR
0.3
3
5
50
μA
VR = 5V, TA = +25°C
VR = 60V, TA = +25°C
Total Capacitance (See also figure 3)
CT
38
pF
VR = 10V, f = 1.0MHz
Notes:
5. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = +25°C.
6. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = +25°C.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PD3S160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S160-7 DIODES-PD3S160-7 Datasheet
86Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30899 Rev. 4 - 2
PD3S160-7 DIODES-PD3S160-7 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160Q DIODES-PD3S160Q Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PD3S160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S130HQ DIODES-PD3S130HQ_15 Datasheet
217Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130LQ DIODES-PD3S130LQ_15 Datasheet
105Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130H DIODES-PD3S130H_15 Datasheet
146Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S130L DIODES-PD3S130L_15 Datasheet
140Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S160Q DIODES-PD3S160Q_15 Datasheet
195Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
PD3S120L DIODES-PD3S120L_15 Datasheet
143Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S120LQ DIODES-PD3S120LQ_15 Datasheet
242Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S220LQ DIODES-PD3S220LQ_15 Datasheet
200Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S220L DIODES-PD3S220L_15 Datasheet
95Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PD3S230H DIODES-PD3S230H_15 Datasheet
298Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com