Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDF05N50 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDF05N50
Description  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF05N50 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDF05N50 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF05N50 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-220 and TO-220F Package.
N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Dec,24,2013
1
Details are subject to change without notice.
S
G
D
Ver 2.3
G D S
SDF SERIES
TO-220F
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
5A
500V
1.35 @ VGS=10V
Symbol
VDS
VGS
IDM
W
A
PD
°C
83
-55 to 175
ID
Units
Parameter
500
5.0
15
V
V
±30
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
SDP05N50
Drain Current-Continuous
-Pulsed
a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
62.5
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TC=25°C
5.0
15
±30
SDF05N50
TC=100°C
A
3.5
3.5
42
W
TC=100°C
1.8
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
EAS
Single Pulse Avalanche Energy
c
mJ
40
G D S
SDP SERIES
TO-220
28
14
62.5
5.4
SDP05N50
SDF05N50
ORDERING INFORMATION
Ordering Code
Package
Marking Code
Delivery Mode
RoHS Status
SDP05N50HZ
SDP05N50PZ
TO-220
TO-220
SDP05N50
05N50
Tube
Tube
Halogen Free
Pb Free
SDF05N50HZ
SDF05N50PZ
TO-220F
TO-220F
SDF05N50
05N50
Tube
Tube
Halogen Free
Pb Free


Similar Part No. - SDF05N50

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDF05N40T SAMHOP-SDF05N40T Datasheet
125Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SDF05N50

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com