Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDF08N50 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDF08N50
Description  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF08N50 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF08N50 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
V DS , Drain-S ource V oltage (V )
Ver 2.4
www.samhop.com.tw
Dec,24,2013
4
V DS , Drain-S ource V oltage (V )
Figure 11a. Maximum Safe Operating
Area for SDP08N50
Figure 11b. Maximum Safe Operating
Area for SDF08N50
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
3.0
2.5
2.0
1.5
1.0
0.5
0
10
0
ID= 4A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
75 C
125 C
1800
1500
1200
900
600
300
0
010
20
30
40
50
Cis s
Cos s
Crs s
10
8
6
4
2
0
V DS =250V
ID= 1A
10
1
0.1
0.03
100
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
1m
s
100u
s
0
3
6
9
12
10
1
0.1
0.03
100
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
100u
s
10u
s
SDP08N50
SDF08N50
246
8


Similar Part No. - SDF08N50

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDF08N60 SAMHOP-SDF08N60 Datasheet
193Kb / 11P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SDF08N50

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com