Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3727 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3727
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727 Datasheet(HTML) 2 Page - Linear Technology

  LTC3727_15 Datasheet HTML 1Page - Linear Technology LTC3727_15 Datasheet HTML 2Page - Linear Technology LTC3727_15 Datasheet HTML 3Page - Linear Technology LTC3727_15 Datasheet HTML 4Page - Linear Technology LTC3727_15 Datasheet HTML 5Page - Linear Technology LTC3727_15 Datasheet HTML 6Page - Linear Technology LTC3727_15 Datasheet HTML 7Page - Linear Technology LTC3727_15 Datasheet HTML 8Page - Linear Technology LTC3727_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3727/LTC3727-1
3727fc
ORDER PART
NUMBER
LTC3727EG
LTC3727EG-1
LTC3727IG-1
Input Supply Voltage (VIN).........................36V to –0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) ...................................42V to – 0.3V
Switch Voltage (SW1, SW2) .........................36V to – 5V
INTVCC, EXTVCC, (BOOST1-SW1),
(BOOST2-SW2) ........................................8.5V to – 0.3V
RUN/SS1, RUN/SS2, PGOOD ..................... 7V to – 0.3V
SENSE1+, SENSE2 +, SENSE1,
SENSE2 Voltages .....................................14V to – 0.3V
PLLIN, PLLFLTR, FCB Voltages ........... INTVCC to –0.3V
TJMAX = 125°C, θJA = 95°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS1
SENSE1+
SENSE1
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages ...2.7V to –0.3V
Peak Output Current <10
μs (TG1, TG2, BG1, BG2) ... 3A
INTVCC Peak Output Current ................................ 50mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature
(Soldering, 10 sec, G Package)............................. 300
°C
Solder Reflow Temperature (UH Package) ........... 265
°C
32 31 30 29 28 27 26 25
9
10 11 12 13
TOP VIEW
33
14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
ORDER PART
NUMBER
LTC3727EUH-1
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND
(MUST BE SOLDERED TO PCB)
UH PART
MARKING
37271
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VOSENSE1, 2
Regulated Feedback Voltage
(Note 4); ITH1, 2 Voltage = 1.2V
0.792
0.800
0.808
V
IVOSENSE1, 2
Feedback Current
(Note 4)
– 5
– 50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 4)
0.002
0.02
%/V


Similar Part No. - LTC3727_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3727-1 LINER-LTC3727-1 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Linear Integrated Syste...
LTC3727-1 LINEAR-LTC3727-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3727-1 LINER-LTC3727-1 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
logo
Analog Devices
LTC3727-1 AD-LTC3727-1 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LTC3727_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com