Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784224 Datasheet(PDF) 7 Page - NEC

Part # UPD784224
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784224 Datasheet(HTML) 7 Page - NEC

Back Button UPD784224 Datasheet HTML 3Page - NEC UPD784224 Datasheet HTML 4Page - NEC UPD784224 Datasheet HTML 5Page - NEC UPD784224 Datasheet HTML 6Page - NEC UPD784224 Datasheet HTML 7Page - NEC UPD784224 Datasheet HTML 8Page - NEC UPD784224 Datasheet HTML 9Page - NEC UPD784224 Datasheet HTML 10Page - NEC UPD784224 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
7
µPD784224, 784225, 784224Y, 784225Y
Data Sheet U12376EJ1V0DS00
1. DIFFERENCES AMONG MODELS IN
µPD784225, 784225Y SUBSERIES
The only difference among the
µPD784224 and 784225 lies in the internal memory capacity.
The
µPD784224Y and 784225Y are based on the µPD784224 and 784225 respectively, with the addition of an
I2C bus control function.
The
µPD78F4225 and 78F4225Y are provided with a 128-Kbyte flash memory instead of the mask ROM of the
above models. These differences are summarized in Table 1-1.
Table 1-1. Differences among Models in
µPD784225, 784225Y Subseries
Part Number
µPD784224,
µPD784225,
µPD78F4225,
Item
µPD784224Y
µPD784225Y
µPD78F4225Y
Internal ROM
96 Kbytes
128 Kbytes
128 Kbytes
(mask ROM)
(mask ROM)
(Flash memory)
Internal RAM
3,584 bytes
4,352 bytes
Internal memory
None
Provided
size switching
register (IMS)Note
Supply voltage
VDD = 1.8 to 5.5 V
VDD = 1.9 to 5.5 V
Electrical
Refer to the data sheet for each device.
specifications
Recommended
soldering
conditions
TEST pin
Provided
None
VPP pin
None
Provided
Note The internal flash memory capacity and internal RAM capacity can be changed using the internal memory
size switching register (IMS).
Caution
There are differences in noise immunity and noise radiation between the flash memory and mask
ROM versions. When pre-producing an application set with the flash memory version and then
mass-producing it with the mask ROM version, be sure to conduct sufficient evaluations on the
commercial samples (not engineering samples) of the mask ROM version.


Similar Part No. - UPD784224

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784225 NEC-UPD784225 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225 NEC-UPD784225 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225 NEC-UPD784225 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784225Y NEC-UPD784225Y Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225Y NEC-UPD784225Y Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784224

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com