Electronic Components Datasheet Search |
|
MTE6800N2 Datasheet(PDF) 1 Page - Marktech Corporate |
|
MTE6800N2 Datasheet(HTML) 1 Page - Marktech Corporate |
1 / 3 page Absolute Maximum Ratings (Ta=25ºC) ITEMS SYMBOL RATINGS UNIT Forward Current (DC) IF 50 mA Forward Current (Pulse)*1 IFP 0.5 A Reverse Voltage VR 5 V Power Dissipation PD 110 mW Operating Temperature Range Topr -20 ~ +80 ºC Storage Temperature Range Tstg -30 ~ +100 ºC Junction Temperature Tj 100 ºC Lead Soldering Temperature*2 Tls 260 ºC *1: Tw=10µsec, T=10msec; *2: Time 3 Sec max, Position: Up to 2mm from the body. Peak Emission Wavelength: 680nm The MTE6800N2-UR is a red, 5mm water clear emitter designed for applications requiring flat top, high power output and high reliability in a wide angle package. FEATURES > High Reliability > High Output Power APPLICATIONS > Optical Sensors > Optical Switches > Medical Application Electrical & Optical Characteristics (Ta = 25ºC) ITEMS SYMBOL CONDITIONS MIN TYP MAX UNIT Power Output PO IF=20mA -- 5.5 -- mW Forward Voltage VF IF=20mA -- 1.8 1.95 V Reverse Current IR VR=5V -- -- 10 µA Peak Emission Wavelength λp IF=20mA -- 680 -- nm Spectral Line Half Width ∆ λ IF=20mA -- 30 -- nm Half Intensity Beam Angle Ө IF=20mA -- ±35 -- deg Visible Red Emitter Product No: MTE6800N2-UR Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA www.marktechopto.com TOLL FREE: 1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com 1 2012-05-17 |
Similar Part No. - MTE6800N2_15 |
|
Similar Description - MTE6800N2_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |