Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3856 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 5 Page - Linear Technology

  LTC3856_15 Datasheet HTML 1Page - Linear Technology LTC3856_15 Datasheet HTML 2Page - Linear Technology LTC3856_15 Datasheet HTML 3Page - Linear Technology LTC3856_15 Datasheet HTML 4Page - Linear Technology LTC3856_15 Datasheet HTML 5Page - Linear Technology LTC3856_15 Datasheet HTML 6Page - Linear Technology LTC3856_15 Datasheet HTML 7Page - Linear Technology LTC3856_15 Datasheet HTML 8Page - Linear Technology LTC3856_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC3856

3856f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Amplifier
ADA
Gain
E-Grade
I-Grade
l
l
0.998
0.997
1
1
1.002
1.003
V/V
V/V
RIN
Input Resistance
Measured at DIFFP Input
80
VOS
Input Offset Voltage
VDIFFP = VDIFFOUT = 1.5V, IDIFFOUT = 100µA
2
mV
PSRR
Power Supply Rejection Ratio
4.5V < VIN < 38V
100
dB
ICL
Maximum Output Current
2
3
mA
VOUT(MAX)
Maximum Output Voltage
IDIFFOUT = 300µA
VINTVCC
–1.4
VINTVCC
–1.1
V
On-Chip Driver
TG RUP
TG Pull-Up RDS(ON)
TG High
2.6
Ω
TG RDOWN
TG Pull-Down RDS(ON)
TG Low
1.5
Ω
BG RUP
BG Pull-Up RDS(ON)
BG High
2.4
Ω
BG RDOWN
BG Pull-Down RDS(ON)
BG Low
1.1
Ω
GBW
Gain-Bandwidth Product
(Note 8)
3
MHz
SR
Slew Rate
(Note 8)
2
V/µs
Stage Shedding Mode
IISET
Programmable Stage Shedding
Mode Current
6.5
7.5
8.5
µA
AVP (Active Voltage Positioning)
VAVP
Maximum VOUT with AVP
2.5
V
ISINK
Sink Current of AVP Pin
SENSE+ = 1.2V
250
µA
ISOURCE
Source Current of AVP Pin
SENSE+ = 1.2V
2
mA
VAVP-VO(MAX) Maximum Voltage Drop VAVP to VO
SENSE+ = 1.2V
120
mV
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN = 5V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3856 is tested under pulse load conditions such that
TJ TA. The LTC3856E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3856I is guaranteed to meet performance specifications over the
full –40°C to 125°C operating junction temperature range.
Note 3: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
LTC3856UH: TJ = TA + (PD • 34°C/W)
LTC3856FE: TJ = TA + (PD • 25°C/W)
Note 4: The LTC3856 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See the Applications Information
section.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: Guaranteed by design.


Similar Part No. - LTC3856_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856EFE-PBF LINER-LTC3856EFE-PBF Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856EFE-TRPBF LINER-LTC3856EFE-TRPBF Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856EUH-PBF LINER-LTC3856EUH-PBF Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856EUH-TRPBF LINER-LTC3856EUH-TRPBF Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856IFE-PBF LINER-LTC3856IFE-PBF Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
More results

Similar Description - LTC3856_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com