Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4011 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4011
Description  High Efficiency Standalone Nickel Battery Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011 Datasheet(HTML) 1 Page - Linear Technology

  LTC4011_15 Datasheet HTML 1Page - Linear Technology LTC4011_15 Datasheet HTML 2Page - Linear Technology LTC4011_15 Datasheet HTML 3Page - Linear Technology LTC4011_15 Datasheet HTML 4Page - Linear Technology LTC4011_15 Datasheet HTML 5Page - Linear Technology LTC4011_15 Datasheet HTML 6Page - Linear Technology LTC4011_15 Datasheet HTML 7Page - Linear Technology LTC4011_15 Datasheet HTML 8Page - Linear Technology LTC4011_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC4011

4011fb
Typical applicaTion
FeaTures
DescripTion
High Efficiency Standalone
Nickel Battery Charger
applicaTions
n
CompleteNiMH/NiCdChargerfor1to16Cells
n
NoMicrocontrollerorFirmwareRequired
n
550kHzSynchronousPWMCurrentSourceController
n
NoAudibleNoisewithCeramicCapacitors
n
PowerPath™ControlSupport
n
ProgrammableChargeCurrent:5%Accuracy
n
WideInputVoltageRange:4.5Vto34V
n
AutomaticTricklePrecharge
n
–∆VFastChargeTermination
n
Optional∆T/∆tFastChargeTermination
n
AutomaticNiMHTop-OffCharge
n
ProgrammableTimer
n
AutomaticRecharge
n
MultipleStatusOutputs
n
MicropowerShutdown
n
20-LeadThermallyEnhancedTSSOPPackage
n
IntegratedorStandaloneBatteryCharger
n
PortableInstrumentsorConsumerProducts
n
Battery-PoweredDiagnosticsandControl
n
Back-UpBatteryManagement
L
,LT,LTC,LTM,LinearTechnologyandtheLinearlogoareregisteredtrademarksofLinear
TechnologyCorporation.PowerPathisatrademarkofLinearTechnologyCorporation.Allother
trademarksarethepropertyoftheirrespectiveowners.
TheLTC®4011providesacomplete,cost-effectivenickel
batteryfastchargesolutioninasmallpackageusingfew
external components. A 550kHz PWM current source
controllerandallnecessarychargeinitiation,monitoring
andterminationcontrolcircuitryareincluded.
The LTC4011 automatically senses the presence of a
DC adapter and battery insertion or removal. Heavily
discharged batteries are precharged with a trickle cur-
rent.TheLTC4011cansimultaneouslyuseboth–∆Vand
∆T/∆tfastchargeterminationtechniquesandcandetect
variousbatteryfaults.Ifnecessary,atop-offchargeis
automaticallyappliedtoNiMHbatteriesafterfastcharg-
ingiscompleted.TheICwillalsoresumechargingifthe
batteryself-dischargesafterafullchargecycle.
AllLTC4011chargingoperationsarequalifiedbyactual
chargetimeandmaximumaveragecellvoltage.Charging
mayalsobegatedbyminimumandmaximumtemperature
limits.NiMHorNiCdfastchargeterminationparameters
arepin-selectable.
IntegratedPowerPathcontrolsupportensuresthatthe
systemremainspoweredatalltimeswithoutallowingload
transientstoadverselyaffectchargetermination.
2ANiMHBatteryCharger
2ANiMHChargeCycleat1C
0.1µF
10µF
4.7µH
10µF
0.033µF
0.068µF
FAULT
INFET
CHRG
FROM
ADAPTER
5V
TOC
READY


Similar Part No. - LTC4011_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4011_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com