Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX558 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX558
Description  400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX558 Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX558_15 Datasheet HTML 1Page - Diodes Incorporated FCX558_15 Datasheet HTML 2Page - Diodes Incorporated FCX558_15 Datasheet HTML 3Page - Diodes Incorporated FCX558_15 Datasheet HTML 4Page - Diodes Incorporated FCX558_15 Datasheet HTML 5Page - Diodes Incorporated FCX558_15 Datasheet HTML 6Page - Diodes Incorporated FCX558_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX558
Datasheet Number: DS33059 Rev. 6 - 2
4 of 7
www.diodes.com
December 2014
© Diodes Incorporated
FCX558
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-400
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
-400
-
-
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
<1
-100
nA
VCB = -320V
Emitter Cutoff Current
IEBO
-
<1
-100
nA
VEB = -5V
Emitter Cutoff Current
ICES
-
<1
-100
nA
VCES = -320V
DC Current Transfer Static Ratio (Note 11)
hFE
100
100
15
-
-
-
-
300
-
-
IC = -1mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)
-
-
-
-
-0.2
-0.5
V
IC = -20mA, IB = -2mA
IC = -50mA, IB = -6mA
Base-Emitter Saturation Voltage (Note 11)
VBE(sat)
-
-
-0.9
V
IC = -50mA, IB = -5mA
Base-Emitter Turn-on Voltage (Note 11)
VBE(on)
-
-
-0.9
V
IC = -50mA, VCE = -10V
Transitional Frequency
fT
50
-
-
MHz
IE = -10mA, VCE = -20V
f = 20MHz
Output Capacitance
Cobo
-
-
5
pF
VCB = -20V, f = 1MHz,
Switching Times
ton
-
95
-
nS
IC = -50mA, VC = -100V
IB1 = -5mA, IB2 = -10mA
toff
1600
Note:
11. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤ 2%.


Similar Part No. - FCX558_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FCX558_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
   400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
   180V High voltage PNP switching transistor in SOT89
logo
Diodes Incorporated
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FCX555 DIODES-FCX555 Datasheet
142Kb / 6P
   180V High voltage PNP switching transistor in SOT89
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558TC DIODES-FMMT558TC Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com