Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4060 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4060
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4060 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4060_15 Datasheet HTML 6Page - Linear Technology LTC4060_15 Datasheet HTML 7Page - Linear Technology LTC4060_15 Datasheet HTML 8Page - Linear Technology LTC4060_15 Datasheet HTML 9Page - Linear Technology LTC4060_15 Datasheet HTML 10Page - Linear Technology LTC4060_15 Datasheet HTML 11Page - Linear Technology LTC4060_15 Datasheet HTML 12Page - Linear Technology LTC4060_15 Datasheet HTML 13Page - Linear Technology LTC4060_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC4060
4060f
Table 1. LTC4060 Time Limit Programming Examples
TYPICAL
BATTERY
CHARGE
BATTERY
AUTOMATIC
FAST
VOLTAGE
TIME
VOLTAGE
RECHARGE
UVLO EXIT, BATTERY
FAST
CHARGE
STABILIZATION
LIMIT
SAMPLING
ENTRY
INSERTION/REMOVAL/OVERVOLTAGE,
CHARGE
RATE
HOLD OFF
(tMAX)
INTERVAL
DELAY
FAST CHARGE ENTRY AND
CURRENT
RPROG
CTIMER
(C)
(MINUTES)
(HOURS)
(SECONDS)
(SECONDS)
THERMISTOR EVENT DELAYS (ms)
2A
698Ω
1nF
1.5
4.6 to 5.7
1.1
15
15 to 31
175 to 260
2A
698Ω
1.5nF
1
6.9 to 8.4
1.6
23
23 to 46
260 to 390
2A
698Ω
1.8nF
0.75
8.4 to 10.3
2
28
28 to 56
320 to 480
2A
698Ω
2.7nF
0.5
12.6 to 15.4
3
42
42 to 84
480 to 720
400mA
3480Ω
180pF
1.5
4.2 to 5.2
1
14
14 to 28
160 to 240
400mA
3480Ω
270pF
1
6.3 to 7.7
1.5
21
21 to 42
240 to 360
400mA
3480Ω
390pF
0.75
8.9 to 11
2.1
30
30 to 60
340 to 510
400mA
3480Ω
560pF
0.5
12.6 to 15.4
3
42
42 to 84
480 to 720
OPERATIO
applied to the SHDN pin, shutdown ends and charge quali-
fication is entered.
Charge Qualification
After exiting the sleep or shutdown modes the LTC4060
will check for the presence of a battery and for proper
battery temperature (if a thermistor is used) before initiat-
ing charging.
When VCELL (VBAT/Number of Cells) is below 2.05V (VBR),
a battery is assumed to be present. Should VCELL rise
above 1.95V (VBOV) for a time greater than the battery
overvoltage event delay shown in the far right column of
Table 1, then a battery overvoltage condition is detected
and charging stops. Once stopped in this way, qualifica-
tion can be reinitiated after VCELL has fallen below 1.9V
(VBOV – VBOVH) only by removing and replacing the battery
(or replacing the battery if the overvoltage condition is a
result of battery removal), toggling the SHDN pin low to
high or removing and reapplying power to the charger.
If the NTC pin voltage is above the temperature disable
threshold (VNDIS), the LTC4060 verifies that the ther-
mistor temperature is between 5°C and 45°C. Charging
will not initiate until these temperature limits are met.
The LTC4060 continues to qualify important voltage and
temperature parameters during all charging states. If VCC
drops below the undervoltage lockout threshold, sleep
mode is entered.
If the internal die temperature becomes excessive, charg-
ing stops and the part enters the shutdown state. Once in
the shutdown state charge qualification can be reinitiated
only when the die temperature drops to normal and then
by removing and replacing the battery or toggling the
SHDN pin low to high or removing and reapplying power
to the charger.
Precharge
The state that is entered when qualified charging begins is
precharge. The CHRG status output is set low and remains
low during both precharge and fast charge. If the voltage
on VCELL is below the 900mV (VFCQ) fast charge qualifica-
tion voltage, the LTC4060 charges using one-fifth the
maximum programmed charge current. The cell voltage is
continuously checked to determine when the battery is
ready to accept a fast charge. Until this voltage reaches
VFCQ, the LTC4060 remains in precharge.
If an external thermistor indicates that the sensed tem-
perature is beyond a range of 5°C to 45°C charging is
suspended, the charge timer is paused and the CHRG
status output remains low. Normal charging resumes
from the previous state when the sensed temperature
rises above 5°C or falls below 45°C.
Fast Charge
When the average cell voltage exceeds VFCQ, the LTC4060
transitions from the precharge to the fast charge state and


Similar Part No. - LTC4060_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060EDHC LINEAR-LTC4060EDHC Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060EFE LINEAR-LTC4060EFE Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060 LINEAR-LTC4060 Datasheet
188Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com