Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC395 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC395
Description  Violet LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC395 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC395 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC395 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17.08.2011
SMC395
1 of 2
SMC395
TECHNICAL DATA
Violet LED, SMD
InGaN
SMC395 are InGaN LEDs mounted on a ceramic SMD package and sealed with silicone resin for
damp proof. On forward bias, it emits a radiation of typical 8 mW at a peak wavelength of 395 nm.
Specifications
• Structure: InGaN
• Peak Wavelength: typ. 395 nm
• Optical Output Power: typ. 8 mW
• Package: Ceramic SMD, silicon resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
180
mW
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
255
°C
* must be completed within 5 seconds
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
3.5
4.0
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 20 mA
4
8
-
mW
Brightness
IV
IF = 20 mA
4
8
-
mcd
Peak Wavelength
λ
P
IF = 20 mA
385
395
405
nm
Half Width
Δλ
IF = 20 mA
-
15
-
nm
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±55
-
deg.
Brightness is measured by Tektronix J-16
Total Radiated Power is measured by S3584-08
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC395

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMC39C LITEON-SMC39C Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMC395

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMC970 ROITHNER-SMC970 Datasheet
228Kb / 2P
   Violet LED
SMC405 ROITHNER-SMC405 Datasheet
142Kb / 2P
   Violet LED
logo
Marktech Corporate
MT5375-UV MARKTECH-MT5375-UV_15 Datasheet
697Kb / 2P
   Ultra Violet LED
MT5385-UV MARKTECH-MT5385-UV_15 Datasheet
1Mb / 4P
   Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV Datasheet
697Kb / 2P
   Ultra Violet LED
MT5400-UV MARKTECH-MT5400-UV Datasheet
1Mb / 4P
   Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV_15 Datasheet
689Kb / 2P
   Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV_15 Datasheet
692Kb / 2P
   Ultra Violet LED
MT5385-UV MARKTECH-MT5385-UV Datasheet
1Mb / 4P
   Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV Datasheet
689Kb / 2P
   Ultra Violet LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com