Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78083 Datasheet(PDF) 3 Page - NEC

Part # UPD78083
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78083 Datasheet(HTML) 3 Page - NEC

  UPD78083 Datasheet HTML 1Page - NEC UPD78083 Datasheet HTML 2Page - NEC UPD78083 Datasheet HTML 3Page - NEC UPD78083 Datasheet HTML 4Page - NEC UPD78083 Datasheet HTML 5Page - NEC UPD78083 Datasheet HTML 6Page - NEC UPD78083 Datasheet HTML 7Page - NEC UPD78083 Datasheet HTML 8Page - NEC UPD78083 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
µPD78001B(A), 78002B(A)
3
78K/0 SERIES PRODUCT DEVELOPMENT
These products are a further development in the 78K/0 Series. The designations appearing inside the boxes
are subseries names.
Products in Volume Production
Products under Development
Y series products are compatible with I
2C bus.
100-pin
For control
Timer added to the PD78054, external interface functions
80-pin
64-pin
Low-voltage (1.8 V) operation version of the PD78014, with enhanced ROM and RAM variations
A/D and 16-bit timer added to the PD78002
Basic subseries for control
42/44-pin
Internal UART, low-voltage (1.8 V) operation possible
For FIP® driving
I/O, FIP C/D of the
PD78044A enhanced, display output total: 53
6-bit U/D counter added to the PD78024, display output total: 34
Basic subseries for FIP driving, display output total: 26
For LCD driving
Subseries for LCD driving, internal UART
For IEBus
TM
IEBus controller added to the PD78054
PD78078
PD78054
PD78018F
PD78014
PD78002
PD78083
PD78078Y
PD78054Y
PD78018FY
PD78014Y
PD78002Y
PD780208
PD78044A
PD78024
PD78064
PD78064Y
PD78098
64-pin
64-pin
100-pin
80-pin
64-pin
100-pin
78K/0
Series
80-pin
UART and D/A added to the PD78014, I/O enhanced
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µµ
µ
µ
µ
µ
The major functional differences among the subseries are shown below.
Function
Timer
Serial
VDD
External
A/D
D/A
Interface
I/O
MIN.
Expansion
Name
8-bit
16-bit
Watch
Watchdog
Value
µPD78078
4ch
1ch
1ch
1ch
8-bit
× 8ch 8-bit × 2ch 3ch (UART: 1ch)
88
1.8 V
C
µPD78054
2ch
69
2.0 V
µPD78018F
2ch
53
1.8 V
µPD78014
2.7 V
µPD78002
1ch
µPD78083
8-bit
× 8ch
1ch (UART: 1ch)
33
1.8 V
µPD780208
2ch
1ch
1ch
1ch
8-bit
× 8ch
2ch
74
2.7 V
µPD78044A
68
µPD78024
54
µPD78064
2ch
1ch
1ch
1ch
8-bit
× 8ch
2ch (UART: 1ch)
57
2.0 V
µPD78098
2ch
1ch
1ch
1ch
8-bit
× 8ch 8-bit × 2ch 3ch (UART: 1ch)
69
2.7 V
C
For Control
For LCD
driving
For IEBusTM
For FIP
®
driving


Similar Part No. - UPD78083

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78083 NEC-UPD78083 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD78083 NEC-UPD78083 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78083 NEC-UPD78083 Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78083 NEC-UPD78083 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78083 NEC-UPD78083 Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD78083

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com