Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784036YGC Datasheet(PDF) 4 Page - NEC

Part # UPD784036YGC
Description  16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784036YGC Datasheet(HTML) 4 Page - NEC

  UPD784036YGC Datasheet HTML 1Page - NEC UPD784036YGC Datasheet HTML 2Page - NEC UPD784036YGC Datasheet HTML 3Page - NEC UPD784036YGC Datasheet HTML 4Page - NEC UPD784036YGC Datasheet HTML 5Page - NEC UPD784036YGC Datasheet HTML 6Page - NEC UPD784036YGC Datasheet HTML 7Page - NEC UPD784036YGC Datasheet HTML 8Page - NEC UPD784036YGC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
µPD784035Y, 784036Y, 784037Y, 784038Y
4
FUNCTIONS
Part Number
µPD784035Y
µPD784036Y
µPD784037Y
µPD784038Y
Item
Number of basic instructions
113
(mnemonics)
General-purpose register
8 bits
× 16 registers × 8 banks, or 16 bits × 8 registers × 8 banks (memory mapping)
Minimum instruction execution
125 ns/250 ns/500 ns/1000 ns (@ 32-MHz operation)
time
Internal memory
ROM
48 KBytes
64 KBytes
96 KBytes
128 KBytes
RAM
2048 Bytes
3584 Bytes
4352 Bytes
Memory space
1 MByte with program and data spaces combined
I/O port
Total
64
Input
8
I/O
56
Pins with pull-
54
up resistor
LEDs direct
24
drive output
Transistor
8
direct drive
Real-time output port
4 bits
× 2 or 8 bits × 1
Timer/counter
Timer/counter 0: Timer register
× 1
Pulse output
(16 bits)
Capture register
× 1
• Toggle output
Compare register
× 2
• PWM/PPG output
• One-shot pulse output
Timer/counter 1: Timer register
× 1
Pulse output
(8/16 bits)
Capture register
× 1
• Real-time output (4 bits
× 2)
Capture/compare register
× 1
Compare register
× 1
Timer/counter 2: Timer register
× 1
Pulse output
(8/16 bits)
Capture register
× 1
• Toggle output
Capture/compare register
× 1
• PWM/PPG output
Compare register
× 1
Timer 3:
Timer register
× 1
(8/16 bits)
Compare register
× 1
PWM output
12-bit resolution
× 2 channels
Serial interface
UART/IOE (3-wire serial I/O)
: 2 channels (on-chip baud rate generator)
CSI (3-wire serial I/O, 2-wire serial I/O, I2C bus) : 1 channel
A/D converter
8-bit resolution
× 8 channels
D/A converter
8-bit resolution
× 2 channels
Clock output
Selectable from fCLK, fCLK/2, fCLK/4, fCLK/8, fCLK/16 (can also be used as 1-bit output port)
Watchdog timer
1 channel
Standby
HALT/STOP/IDLE mode
Interrupt
Hardware source
24 (internal: 17, external: 7 (variable sampling clock input: 1))
Software source
BRK instruction, BRKCS instruction, operand error
Non-maskable Internal: 1, external: 1
Maskable
Internal: 16, external: 6
• 4 programmable priority levels
• 3 processing styles: vectored interrupt/macro service/context switching
Supply voltage
VDD = 2.7 to 5.5 V
Package
80-pin plastic QFP (14
× 14 mm, 2.7-mm thick)
80-pin plastic QFP (14
× 14 mm, 1.4-mm thick)
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
Note The pins with ancillary function are included in the I/O pins.
Pins with
ancillary
functionNote


Similar Part No. - UPD784036YGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784036 NEC-UPD784036 Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784036A NEC-UPD784036A Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784036GC NEC-UPD784036GC Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784036GCA NEC-UPD784036GCA Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784036YGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com