Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5540 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5540
Description  600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5540 Datasheet(HTML) 5 Page - Linear Technology

  LTC5540_15 Datasheet HTML 1Page - Linear Technology LTC5540_15 Datasheet HTML 2Page - Linear Technology LTC5540_15 Datasheet HTML 3Page - Linear Technology LTC5540_15 Datasheet HTML 4Page - Linear Technology LTC5540_15 Datasheet HTML 5Page - Linear Technology LTC5540_15 Datasheet HTML 6Page - Linear Technology LTC5540_15 Datasheet HTML 7Page - Linear Technology LTC5540_15 Datasheet HTML 8Page - Linear Technology LTC5540_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC5540

5540f
Typical ac perForMance characTerisTics
700MHz Conversion Gain, IIP3
and NF vs LO Input Power
900MHz Conversion Gain, IIP3
and NF vs LO Input Power
1100MHz Conversion Gain, IIP3
and NF vs LO Input Power
Conversion Gain, IIP3 and NF
vs Supply Voltage (Single Supply)
Conversion Gain, IIP3 and NF
vs IF Supply Voltage (Dual Supply)
900MHz Conversion Gain, IIP3
and RF Input P1dB vs Temperature
High-Side LO
VCC = 3.3V, VCCIF = 3.3V, SHDN = Low, TA = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests, ∆f = 2MHz),
IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and NF
vs RF Frequency
LO Leakage vs LO Frequency
RF Isolation vs RF Frequency
RF FREQUENCY (MHz)
600
6
26
22
24
20
18
14
16
10
8
12
28
0
20
16
18
14
12
8
10
4
2
6
22
900
1000
1100
700
5540 G04
800
GC
85°C
25°C
–40°C
NF
IIP3
LO FREQUENCY (MHz)
700
–60
–30
–20
–40
–50
–10
900
1000
1100
1200
800
5540 G05
LO-RF
LO-IF
RF FREQUENCY (MHz)
600
25
45
50
55
60
40
30
35
65
900 1000
1200
1100
1300
700
5540 G06
800
RF-LO
RF-IF
LO INPUT POWER (dBm)
–6
6
24
26
20
22
18
16
12
14
8
10
28
0
18
20
14
16
12
10
6
8
2
4
22
4
2
6
–4
5540 G07
0
–2
85°C
25°C
–40°C
IIP3
GC
NF
LO INPUT POWER (dBm)
–6
6
24
26
20
22
18
16
12
14
8
10
28
0
18
20
14
16
12
10
6
8
2
4
22
4
2
6
–4
5540 G08
0
–2
NF
85°C
25°C
–40°C
IIP3
GC
VCC, VCCIF SUPPLY VOLTAGE (V)
3.0
6
24
26
20
22
18
16
12
14
8
10
28
0
18
20
14
16
12
10
6
8
2
4
22
3.5
3.4
3.6
3.1
5540 G10
3.3
3.2
85°C
25°C
–40°C
NF
IIP3
GC
RF = 900MHz
VCC = VCCIF
VCCIF SUPPLY VOLTAGE (V)
3.0
6
24
26
20
22
18
16
12
14
8
10
28
0
18
20
14
16
12
10
6
8
2
4
22
5
5.5
3.5
5540 G11
4.5
4
NF
85°C
25°C
–40°C
IIP3
GC
RF = 900MHz
VCC = 3.3V
TEMPERATURE (°C)
–45
6
24
26
20
22
18
16
12
14
8
10
28
35
55
75
95
–25
5540 G12
15
–5
GC
RF = 900MHz
VCCIF = 5.0V
VCCIF = 3.3V
IIP3
P1dB
LO INPUT POWER (dBm)
–6
6
24
26
20
22
18
16
12
14
8
10
28
0
18
20
14
16
12
10
6
8
2
4
22
4
2
6
–4
5540 G09
0
–2
85°C
25°C
–40°C
IIP3
GC
NF


Similar Part No. - LTC5540_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
   0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5540_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
   0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com