Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5598 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5598
Description  5MHz to 1600MHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5598 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5598_15 Datasheet HTML 6Page - Linear Technology LTC5598_15 Datasheet HTML 7Page - Linear Technology LTC5598_15 Datasheet HTML 8Page - Linear Technology LTC5598_15 Datasheet HTML 9Page - Linear Technology LTC5598_15 Datasheet HTML 10Page - Linear Technology LTC5598_15 Datasheet HTML 11Page - Linear Technology LTC5598_15 Datasheet HTML 12Page - Linear Technology LTC5598_15 Datasheet HTML 13Page - Linear Technology LTC5598_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC5598
10
5598f
APPLICATIONS INFORMATION
be the signal source for the LTC5598. A reconstruction
filter should be placed between the DAC output and the
LTC5598’s baseband inputs.
In Figure 2 a typical baseband interface is shown, using
a fifth-order lowpass ladder filter.
in Table 3. In Table 4 and 5, the LOP port input impedance
is given for EN = High and Low under the condition of
PLO = 10dBm. Figure 4 shows the LOP port return loss
for the standard demo board (schematic is shown in
Figure 10) when the LOM port is terminated with 50Ω to
GND. The values of L1, L2, C9 and C10 are chosen such
that the bandwidth for the LOP port of the standard demo
board is maximized while meeting the LO input return loss
S11, ON < –10dB.
Table 2. LOP Port Input Impedance vs Frequency for EN = High
and PLO = 0dBm (LOM AC Coupled With 50Ω to Ground).
FREQUENCY
(MHz)
LO INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
0.1
333 – j10.0
0.739
–0.5
1
318 – j59.9
0.737
–3.3
2
285 – j94.7
0.728
–6.1
4
227 – j120
0.708
–10.6
8
154 – j124
0.678
–18.7
16
89.9 – j95.4
0.611
–33.0
30
60.4 – j60.6
0.420
–41.3
60
54.8 – j35.8
0.489
–51.5
100
43.6 – j24.4
0.261
–89.9
200
37.9 – j17.3
0.235
–113
400
31.8 – j12.4
0.266
–137
800
23.6 – j8.2
0.374
–156
1000
19.8 – j5.5
0.437
–165
1250
16.0 – j1.8
0.515
–175
1500
13.6 + j2.4
0.574
174
1800
12.1 + j7.3
0.618
162
BBPI
R2A
100
L2A
L2B
GND
0.5VDC
0.5VDC
C3
R2B
100
BBMI
5598 F02
R1A
100
R1B
100
L1A
L1B
C2
C1
DAC
0mA TO 20mA
0mA TO 20mA
Figure 2. Baseband Interface with 5th Order Filter
and 0.5VCM DAC (Only I Channel is Shown)
For each baseband pin, a 0 to 1V swing is developed
corresponding to a DAC output current of 0mA to 20mA.
The maximum sinusoidal single side-band RF output power
is about +7.3dBm for full 0V to 1V swing on each I- and
Q- channel baseband input (2VPP, DIFF).
LO Section
The internal LO chain consists of poly-phase phase shifters
followed by LO buffers. The LOP input is designed as a
single-ended input with about 50Ω input impedance. The
LOM input should be terminated with 50Ω through a DC
blocking capacitor.
The LOP and LOM inputs can be driven differentially in
case an exceptionally low large-signal output noise floor
is required (see graph 5598 G20b).
A simplified circuit schematic for the LOP, LOM, CAPA
and CAPB inputs is given in Figure 3. A feedback path is
implemented from the LO buffer outputs to the LO inputs
in order to minimize offsets in the LO chain by storing the
offsets on C5, C7 and C8 (see Figure 10). Optional capacitor
C8 improves the image rejection below 100MHz (see
graph 5598 G20a). Because of the feedback path, the input
impedance for PLO = 0dBm is somewhat different than
for PLO = 10dBm for the lower part of the operating
frequency range. In Table 2, the LOP port input impedance
vs frequency is given for EN = High and PLO = 0dBm. For
EN = Low and PLO = 0dBm, the input impedance is given
VCC1
2.8V
(4.3V IN
SHUTDOWN)
LOP
LOM
CAPA
CAPB
5598 F03
+
Figure 3. Simplified Circuit Schematic for the
LOP, LOM, CAPA and CAPB Inputs.


Similar Part No. - LTC5598_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5598IUF LINER-LTC5598IUF Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LTC5598_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com