Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6244 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6244
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244 Datasheet(HTML) 3 Page - Linear Technology

  LTC6244_15 Datasheet HTML 1Page - Linear Technology LTC6244_15 Datasheet HTML 2Page - Linear Technology LTC6244_15 Datasheet HTML 3Page - Linear Technology LTC6244_15 Datasheet HTML 4Page - Linear Technology LTC6244_15 Datasheet HTML 5Page - Linear Technology LTC6244_15 Datasheet HTML 6Page - Linear Technology LTC6244_15 Datasheet HTML 7Page - Linear Technology LTC6244_15 Datasheet HTML 8Page - Linear Technology LTC6244_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC6244
3
6244fb
(LTC6244C/I, LTC6244HVC/I) The
l denotes the specifications which apply
over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
MS8 Package
0°C to 70°C
–40°C to 85°C
l
l
40
100
225
300
μV
μV
μV
DD Package
0°C to 70°C
–40°C to 85°C
l
l
100
650
800
950
μV
μV
μV
VOS Match Channel-to-Channel (Note 5) MS8 Package
0°C to 70°C
–40°C to 85°C
l
l
40
160
275
325
μV
μV
μV
DD Package
0°C to 70°C
–40°C to 85°C
l
l
150
800
900
1.1
μV
μV
mV
TC VOS
Input Offset Voltage Drift, MS8 (Note 6)
l
0.7
2.5
μV/°C
IB
Input Bias Current (Notes 4, 7)
l
1
75
pA
pA
IOS
Input Offset Current (Notes 4, 7)
l
0.5
75
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
1.5
μVP-P
en
Input Noise Voltage Density
f = 1kHz
8
12
nV/√Hz
in
Input Noise Current Density (Note 8)
0.56
fA/√Hz
RIN
Input Resistance
Common Mode
1012
Ω
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
3.5
2.1
pF
pF
VCM
Input Voltage Range
Guaranteed by CMRR
l
0
3.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 3.5V
l
74
105
dB
CMRR Match
Channel-to-Channel (Note 5)
l
72
100
dB
AVOL
Large Signal Voltage Gain
VO = 1V to 4V
RL = 10k to VS/2
0°C to 70°C
–40°C to 85°C
l
l
1000
600
450
2500
V/mV
V/mV
V/mV
VO = 1.5V to 3.5V
RL = 1k to VS/2
0°C to 70°C
–40°C to 85°C
l
l
300
200
150
1000
V/mV
V/mV
V/mV
VOL
Output Voltage Swing Low (Note 9)
No Load
ISINK = 1mA
ISINK = 5mA
l
l
l
15
40
150
35
75
300
mV
mV
mV
VOH
Output Voltage Swing High (Note 9)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
l
l
l
15
45
175
35
75
325
mV
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 6V, VCM = 0.2V
l
75
105
dB
PSRR Match
Channel-to-Channel (Note 5)
l
73
100
dB
Minimum Supply Voltage (Note 10)
l
2.8
V
ISC
Short-Circuit Current
l
25
35
mA
IS
Supply Current per Amplifier
l
6.25
7.4
mA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC6244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6244CDD LINER-LTC6244CDD Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244CMS8 LINER-LTC6244CMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HMS8 LINER-LTC6244HMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HVCDD LINER-LTC6244HVCDD Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244HVCMS8 LINER-LTC6244HVCMS8 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results

Similar Description - LTC6244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
   Rail-to-Rail Dual Op Amp
05/14/19
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Linear Technology
RH6200M LINER-RH6200M_15 Datasheet
159Kb / 10P
   Low Noise, High Speed Rail-to-Rail Op Amp
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Maxim Integrated Produc...
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com