Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5590 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5590
Description  Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 3 Page - Linear Technology

  LTC5590_15 Datasheet HTML 1Page - Linear Technology LTC5590_15 Datasheet HTML 2Page - Linear Technology LTC5590_15 Datasheet HTML 3Page - Linear Technology LTC5590_15 Datasheet HTML 4Page - Linear Technology LTC5590_15 Datasheet HTML 5Page - Linear Technology LTC5590_15 Datasheet HTML 6Page - Linear Technology LTC5590_15 Datasheet HTML 7Page - Linear Technology LTC5590_15 Datasheet HTML 8Page - Linear Technology LTC5590_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC5590
3
5590f
DC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C,
unless otherwise noted. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Current Mode Logic Input (ISEL) High = Low Power, Low = Normal Power Mode
ISEL Input High Voltage
2.5
V
ISEL Input Low Voltage
0.3
V
ISEL Input Current
–0.3V to VCC + 0.3V
–20
30
μA
Low Current Mode Current Consumption (ISEL = High)
Mixer Supply Current (Pins 12, 19)
Both Channels Enabled
123
159
mA
IF Amplifier Supply Current (Pins 9, 10, 21, 22)
Both Channels Enabled
116
146
mA
Total Supply Current (Pins 9, 10, 12, 19, 21, 22)
Both Channels Enabled
239
305
mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 700MHz
RF = 900MHz
RF = 1100MHz
7.0
8.6
8.7
8.5
dB
dB
dB
Conversion Gain Flatness
RF = 900 ±30MHz, LO = 1090MHz, IF = 190 ±30MHz
±0.25
dB
Conversion Gain vs Temperature
TC = –40ºC to 105ºC, RF = 1950MHz
–0.006
dB/°C
Input 3rd Order Intercept
RF = 700MHz
RF = 900MHz
RF = 1100MHz
23.5
25.3
26.0
24.8
dBm
dBm
dBm
SSB Noise Figure
RF = 700MHz
RF = 900MHz
RF = 1100MHz
9.3
9.7
9.9
dB
dB
dB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Input Frequency Range
700 to 1500
MHz
RF Input Frequency Range
Low Side LO
High Side LO
1100 to 1700
600 to 1100
MHz
MHz
IF Output Frequency Range
Requires External Matching
5 to 500
MHz
RF Input Return Loss
ZO = 50Ω, 700MHz to 1400MHz
>12
dB
LO Input Return Loss
ZO = 50Ω, 700MHz to 1500MHz
>12
dB
IF Output Impedance
Differential at 190MHz
380Ω||2.2pF
R||C
LO Input Power
fLO = 700MHz to 1500MHz
–4
0
6
dBm
LO to RF Leakage
fLO = 700MHz to 1500MHz
<–36
dBm
LO to IF Leakage
fLO = 700MHz to 1500MHz
<–26
dBm
RF to LO Isolation
fRF = 600MHz to 1700MHz
>56
dB
RF to IF Isolation
fRF = 600MHz to 1700MHz
>17
dB
Channel-to-Channel Isolation
fRF = 600MHz to 1200MHz
fRF = 1200MHz to 1700MHz
>50
>45
dB
dB
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C,
PLO = 0dBm, PRF = –3dBm (Δf = 2MHz for two tone IIP3 tests), unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3, 4)
High Side LO Downmixer Application: ISEL = Low, RF = 700MHz to 1100MHz, IF = 190MHz, fLO = fRF + fIF


Similar Part No. - LTC5590_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
362Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5590_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592 Datasheet
362Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com