Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVLED365-SMD Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # UVLED365-SMD
Description  365 nm SMD UVLED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED365-SMD Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  UVLED365-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
18.08.2010
uvled365_smd.doc
5 of 6
Precaution for Use
1. Cautions
• This device is a UV LED, which radiates intense UV light during operation.
• DO NOT look directly into the UV light or look through the optical system. To prevent
inadequate exposure of UV radiation, wearing UV protective glasses is recommended
2. Moisture Proof Package
• When moisture is absorbed into the SMD package, it may vaporize and expand during
soldering. This can cause exfoliation of the contacts, alter the optical characteristics of the
LED, and may irreversible damage the LED.
3. Soldering
• The LEDs should be sodered using the reflow soldering method. Function of the LEDs can
not be guaranteed after assembling was done using dip soldering method
• Recommended soldering conditions:
Reflow Soldering
Dip Soldering
Lead Solder
Lead-free Solder
Pre-Heat
120 …150°C
180 …200°C
-
Pre-Heat Time
max 120 s
max 120 s
-
Peak Temperature
240°C
260°C
max 350°C.
Soldering time
max 10 s
max 10 s
max 3 s
Condition
Please see graph below
Please see graph below
-
Lead Solder:
Lead free Solder:
Recommended Solder Pad design (unit mm):
• Soldering at the lowest possible temperatures is desireable for the LEDs.
• Occasionally there is a decrease in LEDs brightness due to the influence of heat or ambient
atmoshere during soldering. Nitrogen reflow soldering is recommended therefor.
• LEDs encapsulation material is silicone. Therefor the LEDs surface is soft and must not be
exposed to strong pressure during soldering.


Similar Part No. - UVLED365-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVLED365-10E ROITHNER-UVLED365-10E Datasheet
287Kb / 6P
   UV LED 5 mm
UVLED365-110E ROITHNER-UVLED365-110E Datasheet
354Kb / 6P
   UV LED 5 mm
More results

Similar Description - UVLED365-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVLED375E-SMD ROITHNER-UVLED375E-SMD Datasheet
612Kb / 6P
   375 nm SMD UVLED
UVLED375-SMD ROITHNER-UVLED375-SMD Datasheet
711Kb / 6P
   375 nm SMD UVLED
UVLED-385-400-SMD ROITHNER-UVLED-385-400-SMD Datasheet
322Kb / 7P
   High Power UVLED
UVLED-365-330-SMD ROITHNER-UVLED-365-330-SMD Datasheet
322Kb / 7P
   High Power UVLED
logo
JFW Industries, Inc.
75S-365 JFW-75S-365 Datasheet
27Kb / 1P
   75S-365
logo
Roithner LaserTechnik G...
APG2C1-385 ROITHNER-APG2C1-385 Datasheet
380Kb / 4P
   Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
logo
ON Semiconductor
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com