Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784044GCA1 Datasheet(PDF) 10 Page - NEC

Part # UPD784044GCA1
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784044GCA1 Datasheet(HTML) 10 Page - NEC

Back Button UPD784044GCA1 Datasheet HTML 6Page - NEC UPD784044GCA1 Datasheet HTML 7Page - NEC UPD784044GCA1 Datasheet HTML 8Page - NEC UPD784044GCA1 Datasheet HTML 9Page - NEC UPD784044GCA1 Datasheet HTML 10Page - NEC UPD784044GCA1 Datasheet HTML 11Page - NEC UPD784044GCA1 Datasheet HTML 12Page - NEC UPD784044GCA1 Datasheet HTML 13Page - NEC UPD784044GCA1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
µPD784044(A), 784046(A)
10
3. SYSTEM CONFIGURATION EXAMPLE (AC SERVO MOTOR CONTROL)
ABS control unit
Pulse
• Right front wheel
speed
• Left front wheel
speed
• Right rear wheel
speed
• Left rear wheel
speed
Digital quantity
• Brake sw
• Parking sw
• Neutral sw
• TCS cut sw, etc.
Input
interface
CPU
General-
purpose I/O
• Timer unit
• Interrupt
controller
Serial I/O
General-
purpose I/O
ROM: 64 KB
RAM : 2 KB
UART
10-bit A/D
converter
Output
interface
Solenoid
drive
circuit
Monitor
circuit
Input
interface
External
I/O
interface
Subthrottle
control
Display lamp
Analog quantity
• G sensor (front, rear)
• G sensor (left, right)
• Throttle divergence
• Rupture detection, etc.
Solenoid
• Right front wheel
• Left front wheel
• Right rear wheel
• Left rear wheel
External tester
display system
Microcomputer for monitor
Power
unit
Battery voltage
(12 V)
PD784046(A)
µ


Similar Part No. - UPD784044GCA1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784046 NEC-UPD784046 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784046 NEC-UPD784046 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784046 NEC-UPD784046 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD784044GCA1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com