Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLD6263A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD6263A
Description  HIGH VOLTAGE SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD6263A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD6263A Datasheet HTML 1Page - Central Semiconductor Corp CMLD6263A Datasheet HTML 2Page - Central Semiconductor Corp CMLD6263A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLD6263A
CMLD6263C
CMLD6263S
SURFACE MOUNT SILICON
DUAL PAIR, HIGH VOLTAGE
SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD6263A series
incorporates two pair, high voltage, low VF silicon diodes
in a space saving SOT-563 surface mount package.
These diodes are designed for fast switching
applications requiring a low forward voltage drop.
MARKING CODES:
CMLD6263A: 63A or 3A
CMLD6263C: 63C
CMLD6263S: 63S or 3S
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
70
V
Continuous Forward Current
IF
15
mA
Peak Forward Surge Current, tp=1.0s
IFSM
50
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
98
200
nA
BVR
IR=10μA
70
V
VF
IF=1.0mA
395
410
mV
CJ
VR=0, f=1.0MHz
2.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
FEATURES:
High Voltage (70V)
Low Forward Voltage
Various Dual Pair Configurations
R5 (15-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLD6263A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6263A CENTRAL-CMLD6263A Datasheet
104Kb / 2P
   SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263A CENTRAL-CMLD6263A Datasheet
522Kb / 2P
   SURFACE MOUNT DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263A CENTRAL-CMLD6263A_10 Datasheet
522Kb / 2P
   SURFACE MOUNT DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
More results

Similar Description - CMLD6263A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X61S20J MICROSEMI-APT2X61S20J Datasheet
218Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODES
logo
Advanced Power Technolo...
APT2X100S20J ADPOW-APT2X100S20J Datasheet
43Kb / 2P
   HIGH VOLTAGE SCHOTTKY DIODES
APT100S20LCT ADPOW-APT100S20LCT Datasheet
36Kb / 2P
   HIGH VOLTAGE SCHOTTKY DIODES
APT2X31S20J ADPOW-APT2X31S20J Datasheet
120Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODES
APT2X61S20J ADPOW-APT2X61S20J Datasheet
120Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODES
logo
Central Semiconductor C...
CMKD6263 CENTRAL-CMKD6263_15 Datasheet
499Kb / 2P
   HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMKD6263DO CENTRAL-CMKD6263DO_15 Datasheet
495Kb / 2P
   HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMKD6263DO CENTRAL-CMKD6263DO Datasheet
111Kb / 2P
   ULTRAmini. DUAL OPPOSING HIGH VOLTAGE SCHOTTKY DIODES
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
   High Voltage Diodes
logo
SiPower Inc.
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
   High Voltage Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com