Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH3-200MHV Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH3-200MHV
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH3-200MHV Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH3-200MHV Datasheet HTML 1Page - Central Semiconductor Corp CMSH3-200MHV Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH3-100MHV
CMSH3-150MHV
CMSH3-200MHV
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
3 AMP, 100 THRU 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH3-100MHV
Series 3.0 Amp Surface Mount Silicon Schottky Rectifier
is a high quality, well constructed, highly reliable
component designed for use in all types of commercial,
industrial, entertainment, computer, and lighting
applications. To order devices on 12mm Tape and Reel
(3000/13” Reel), add TR13 suffix to part number.
FEATURES:
• High voltage capability
• Flammability classification UL94V-0
• Energy efficiency
• High reliability
• “C” bend construction provides strain relief when
mounted on PC board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMSH3
CMSH3
CMSH3
SYMBOL -100MHV -150MHV -200MHV UNITS
Peak Repetitive Reverse Voltage
VRRM
100
150
200
V
DC Blocking Voltage
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
70
105
140
V
Average Forward Current (TL=125°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
80
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
50
µA
IR
VR=Rated VRRM, TJ=100°C
20
mA
VF
IF=3.0A (CMSH3-100MHV)
0.80
V
VF
IF=3.0A (CMSH3-150MHV, -200MHV)
0.90
V
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMB CASE
R1 (22-July 2011)
www.centra lsemi.com


Similar Part No. - CMSH3-200MHV

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH3-200MHV CENTRAL-CMSH3-200MHV Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 100 THRU 200 VOLTS
More results

Similar Description - CMSH3-200MHV

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-60 CENTRAL-CSHD3-60_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-20M CENTRAL-CMSH3-20M_15 Datasheet
296Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH4-200M364 CENTRAL-CTLSH4-200M364_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-45L CENTRAL-CTLSH10-45L Datasheet
655Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH-4 CENTRAL-CZSH-4_15 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH1-20 CENTRAL-CMSH1-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH2-20 CENTRAL-CMSH2-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CSHD3-40 CENTRAL-CSHD3-40_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com