Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784044GCA2 Datasheet(PDF) 2 Page - NEC

Part # UPD784044GCA2
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784044GCA2 Datasheet(HTML) 2 Page - NEC

  UPD784044GCA2 Datasheet HTML 1Page - NEC UPD784044GCA2 Datasheet HTML 2Page - NEC UPD784044GCA2 Datasheet HTML 3Page - NEC UPD784044GCA2 Datasheet HTML 4Page - NEC UPD784044GCA2 Datasheet HTML 5Page - NEC UPD784044GCA2 Datasheet HTML 6Page - NEC UPD784044GCA2 Datasheet HTML 7Page - NEC UPD784044GCA2 Datasheet HTML 8Page - NEC UPD784044GCA2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
µPD784044(A), 784046(A)
2
ORDERING INFORMATION
Part Number
Package
Internal ROM (bytes) Internal RAM (bytes)
µPD784044GC(A)-×××-3B9
80-pin plastic QFP (14
× 14 mm)
32 K
1024
µPD784044GC(A1)-×××-3B9
80-pin plastic QFP (14
× 14 mm)
32 K
1024
µPD784044GC(A2)-×××-3B9
80-pin plastic QFP (14
× 14 mm)
32 K
1024
µPD784046GC(A)-×××-3B9Note 80-pin plastic QFP (14 × 14 mm)
64 K
2048
µPD784046GC(A1)-×××-3B9Note 80-pin plastic QFP (14 × 14 mm)
64 K
2048
µPD784046GC(A2)-×××-3B9Note 80-pin plastic QFP (14 × 14 mm)
64 K
2048
Note Under development
Remark
××× indicates ROM code suffix.
QUALITY GRADE
Special
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
Differences between
µPD784046 and µPD784046(A)
Part Number
µPD784044, 784046, 78F4046
µPD784044(A), 784046(A)
Item
Quality grade
Standard
Special
Operating ambient temperature (TA)
–10 to +70 ˚C
–40 to +85 ˚C
Operating frequency
8 to 32 MHz
8 to 25 MHz
Minimum instruction execution time
125 ns (with 16-MHz internal clock)
160 ns (with 12.5-MHz internal clock)
DC characteristics
VDD supply current differs.
AC characteristics
Bus timing and serial operation differ.
A/D converter characteristics
Conversion time and sampling time differ.
Differences between
µPD784046(A), 784046(A1) and 784046(A2)
Part Number
µPD784046(A)
µPD784046(A1)
µPD784046(A2)
Item
Operating ambient temperature (TA)
–40 to +85 ˚C
–40 to +110 ˚C
–40 to +125 ˚C
Operating frequency
8 to 25 MHz
8 to 20 MHz
Minimum instruction execution time
160 ns (with 12.5-MHz
200 ns
internal clock)
(with 10-MHz internal clock)
DC characteristics
Analog pin input leakage current, VDD supply current and data
retention current differ.
AC characteristics
Bus timing and serial operation differ.
A/D converter characteristics
AVREF current and A/D converter data retention current differ.
Remark The differences between
µPD784044(A), 784044(A1) and 784044(A2) is the same as above table.


Similar Part No. - UPD784044GCA2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784046 NEC-UPD784046 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784046 NEC-UPD784046 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784046 NEC-UPD784046 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD784044GCA2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com