Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE8800N1 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE8800N1
Description  Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE8800N1 Datasheet(HTML) 1 Page - Marktech Corporate

  MTE8800N1_15 Datasheet HTML 1Page - Marktech Corporate MTE8800N1_15 Datasheet HTML 2Page - Marktech Corporate MTE8800N1_15 Datasheet HTML 3Page - Marktech Corporate MTE8800N1_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
100
mA
Forward Current (Pulse)*1
IFP
1
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
180
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
Infrared Emitter
Product No:
MTE8800N1
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
--
11.0
--
mW
Forward Voltage
VF
IF=50mA
--
1.45
1.8
V
Reverse Current
IR
VR=5V
--
--
10
µA
Peak Emission Wavelength
λp
IF=50mA
--
880
--
nm
Spectral Line Half Width
λ
IF=50mA
--
60
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±12
--
deg
Rise Time
Tr
IFP=50mA
--
1.5
--
µS
Fall TIme
Tf
IFP=50mA
--
0.8
--
µS
Junction Capacitance
Cj
1MHz, V=0V
--
15
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.5
--
%/0C
Temperature Coefficient of VF
V/T
IF=10mA
--
-1.5
--
mV/0C
2012-05-17
FEATURES
> High Output Power
> Narrow Beam Angle
> High Reliability
> Excellent Optical / Mechanical Axis Alignment
APPLICATIONS
> Optical Switches & Sensors
> Optical Position Sensing / Security Systems
> Medical Applications / Optical Communication
> Currency Validation / Light Curtain
Peak Emission Wavelength: 880nm
The MTE8800N1 consists of a 880nm high output infrared die in a water-clear 5mm plastic molded
package. Custom package solutions and sorting are available.


Similar Part No. - MTE8800N1_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
   Peak Emission Wavelength: 880nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
   Infrared Emitter
More results

Similar Description - MTE8800N1_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com