Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784037YGK Datasheet(PDF) 9 Page - NEC

Part # UPD784037YGK
Description  16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784037YGK Datasheet(HTML) 9 Page - NEC

Back Button UPD784037YGK Datasheet HTML 5Page - NEC UPD784037YGK Datasheet HTML 6Page - NEC UPD784037YGK Datasheet HTML 7Page - NEC UPD784037YGK Datasheet HTML 8Page - NEC UPD784037YGK Datasheet HTML 9Page - NEC UPD784037YGK Datasheet HTML 10Page - NEC UPD784037YGK Datasheet HTML 11Page - NEC UPD784037YGK Datasheet HTML 12Page - NEC UPD784037YGK Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
9
µPD784035Y, 784036Y, 784037Y, 784038Y
3.
PIN CONFIGURATION (Top View)
• 80-pin plastic QFP (14
× 14 mm, 2.7-mm thick)
µPD784035YGC-×××-3B9, 784036YGC-×××-3B9, 784037YGC-×××-3B9, 784038YGC-×××-3B9
• 80-pin plastic QFP (14
× 14 mm, 1.4-mm thick)
µPD784035YGC-×××-8BT, 784036YGC-×××-8BT, 784037YGC-×××-8BT, 784038YGC-×××-8BT
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD784035YGK-×××-BE9Note 1, 784036YGK-×××-BE9Note 1, 784037YGK-×××-BE9, 784038YGK-×××-BE9
Notes 1. Under development
2. TEST pin should be connected to VSS0 directly.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80
61
79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62
21
40
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
P32/SCK0/SCL
P33/SO0/SDA
P34/TO0
P35/TO1
P36/TO2
P37/TO3
RESET
VDD1
X2
X1
VSS1
P00
P01
P02
P03
P04
P05
P06
P07
P67/REFRQ/HLDAK
P74/ANI4
P73/ANI3
P72/ANI2
P71/ANI1
P70/ANI0
VDD0
P17
P16
P15
P14/TxD2/SO2
P13/TxD2/SI2
P12/ASCK2/SCK2
P11/PWM1
P10/PWM0
TEST
Note 2
VSS0
ASTB/CLKOUT
P40/AD0
P41/AD1
P42/AD2


Similar Part No. - UPD784037YGK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031A NEC-UPD784031A Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784037YGK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com