Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784218YGF Datasheet(PDF) 2 Page - NEC

Part # UPD784218YGF
Description  16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784218YGF Datasheet(HTML) 2 Page - NEC

  UPD784218YGF Datasheet HTML 1Page - NEC UPD784218YGF Datasheet HTML 2Page - NEC UPD784218YGF Datasheet HTML 3Page - NEC UPD784218YGF Datasheet HTML 4Page - NEC UPD784218YGF Datasheet HTML 5Page - NEC UPD784218YGF Datasheet HTML 6Page - NEC UPD784218YGF Datasheet HTML 7Page - NEC UPD784218YGF Datasheet HTML 8Page - NEC UPD784218YGF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
µPD784218, 784218Y
Data Sheet U12304EJ2V0DS00
2
APPLICATIONS
Cellular phones, personal handy phone system (PHS), cordless telephones, CD-ROM, AV equipment
ORDERING INFORMATION
Part Number
Package
Internal ROM Internal RAM
(Bytes)
(Bytes)
µPD784218GC-×××-8EU
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
256 K
12,800
µPD784218GF-×××-3BA
100-pin plastic QFP (14
× 20 mm)
256 K
12,800
µPD784218YGC-×××-8EUNote 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
256 K
12,800
µPD784218YGF-×××-3BANote 100-pin plastic QFP (14 × 20 mm)
256 K
12,800
Note Under development
Remark
××× indicates ROM code suffix.


Similar Part No. - UPD784218YGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784218Y NEC-UPD784218Y Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784218Y NEC-UPD784218Y Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD784218YGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com