Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858BDW1T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BC858BDW1T1
Description  Dual General Purpose Transistors(PNP Duals)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC858BDW1T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  BC858BDW1T1 Datasheet HTML 1Page - Leshan Radio Company BC858BDW1T1 Datasheet HTML 2Page - Leshan Radio Company BC858BDW1T1 Datasheet HTML 3Page - Leshan Radio Company BC858BDW1T1 Datasheet HTML 4Page - Leshan Radio Company BC858BDW1T1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
BC856b–2/5
BC856BDW1T1, BC857BDW1T1, BC857CDW1T1, BC858BDW1T1, BC858CDW1T1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
V
(I C = –10 mA)
BC856 Series
–65
BC857 Series
–45
BC858 Series
–30
Collector–Emitter Breakdown Voltage
V (BR)CES
V
(I C = –10
µA, V
EB = 0)
BC856 Series
–80
BC857 Series
–50
BC858 Series
–30
Collector–Base Breakdown Voltage
V (BR)CBO
V
(I C = –10
µA)
BC856 Series
–80
BC857 Series
–50
BC858 Series
–30
Emitter–Base Breakdown Voltage
V (BR)EBO
V
(I E = –1.0
µA)
BC856 Series
–5.0
BC857 Series
–5.0
BC858 Series
–5.0
Collector Cutoff Current
(V CB = –30 V)
I CBO
–15
nA
(V CB = –30 V, T A = 150°C)
–4.0
µA
ON CHARACTERISTICS
DC Current Gain
h
FE
(I
C = –10 µA, V CE = –5.0 V)
BC856B, BC857B, BC858B
150
BC857C, BC858C
270
(I
C = –2.0 mA, V CE =– 5.0 V)
BC856B, BC857B, BC858B
220
290
475
BC857C, BC858C
420
520
800
Collector–Emitter Saturation Voltage (I
C = -10 mA, I B = -0.5 mA) V CE(sat)
–0.3
V
Collector–Emitter Saturation Voltage
( I
C = -100 mA, I B = -5.0 mA)
–0.65
Base–Emitter Saturation Voltage (I
C = –10 mA, I B = –0.5 mA)
V
BE(sat)
–0.7
V
Base–Emitter Saturation Voltage
(I
C = –100 mA, I B = –5.0 mA)
–0.9
Base–Emitter Voltage (I
C = –2.0 mA, V CE = –5.0 V)
V
BE(on)
–0.6
––
–0.75
V
Base–Emitter Voltage
(I
C = –10 mA, V CE = –5.0 V)
–0.82
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = –10 mA, V CE = –5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = –10 V, f = 1.0 MHz)
C obo
4.5
pF
Noise Figure (I C = –0.2 mA,
NF
dB
V CE = –5.0 V dc, R S = 2.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
10


Similar Part No. - BC858BDW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858BDW1T1 ONSEMI-BC858BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
January, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC858BDW1T1 ETL-BC858BDW1T1 Datasheet
469Kb / 5P
   Dual General Purpose Transistors
More results

Similar Description - BC858BDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R Datasheet
152Kb / 4P
   Dual General Purpose PNP Transistors
logo
Weitron Technology
BC856BDW WEITRON-BC856BDW Datasheet
1Mb / 6P
   PNP Dual General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com