Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849CLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BC849CLT1
Description  General Purpose Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC849CLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BC849CLT1 Datasheet HTML 1Page - Leshan Radio Company BC849CLT1 Datasheet HTML 2Page - Leshan Radio Company BC849CLT1 Datasheet HTML 3Page - Leshan Radio Company BC849CLT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPA N Y, LTD.
M3–1/4
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
BC847
BC848
Rating
Symbol
BC846
BC850
BC849
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current — Continuous
I C
100
100
100
mAdc
Collector Current(Peak value)
I CM
200
200
200
mAdc
Emitter Current(Peak value)
I EM
200
200
200
mAdc
Base Current(Peak value)
I BM
200
200
200
mAdc
SOLDERING CHARACTERISTICS
Characteristic
Symbol
Unit
Solder Heat Resistance
265
°C
Solderability
240 to 265
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθθθθθJA
556
°C/W
Total Device Dissipation
PD
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθθθθθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
BC846ALT1 = 1A; BC846BLT1 = 1B; BC847ALT1 = 1E; BC847BLT1 = 1F;
BC847CLT1 = 1G; BC848ALT1 = 1J; BC848BLT1 = 1K; BC848CLT1 = 1L
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC846A,B
65
(IC = 10 mA)
BC847A,B,C, BC850B,C
V(BR)CEO
45
v
BC848A,B,C, BC849B,C
30
Collector–Emitter Breakdown Voltage
BC846A,B
80
(IC = 10 µA, VEB = 0)
BC847A,B,C, BC850B,C
V(BR)CES
50
v
BC848A,B,C, BC849B,C
30
Collector–Base Breakdown Voltage
BC846A,B
80
(IC = 10 µA)
BC847A,B,C, BC850B,C
V(BR)CBO
50
v
BC848A,B,C, BC849B,C
30
Emitter–Base Breakdown Voltage
BC846A,B
BC847A,B,C
6.0
(IE = 1.0 µA)
BC848A,B,C, BC849B,C,
V(BR)EBO
5.0
BC850B,C
5.0
Collector Cutoff Current
(VCB = 30 V)
ICBO
——
15
nA
(VCB = 30 V, TA = 150°C)
5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
1
3
2
BC846ALT1,BLT1
BC847ALT1,BLT1
CLT1 thru
BC850BLT1,CLT1
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - BC849CLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC849CLT1 MOTOROLA-BC849CLT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC849CLT1 ONSEMI-BC849CLT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
More results

Similar Description - BC849CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com