Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBP80L60 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STBP80L60
Description  Super high dense cell design for extremely low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP80L60 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STBP80L60 Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
F igure 1. Output C haracteris tics
F igure 2. Trans fer C haracteris tics
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
ID, Drain C urrent (A)
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
Tj( C )
T j, J unction T empera ture ( C )
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
F igure 5. G a te T hres hold V a ria tion
with T empera ture
STB/P80L60
Ver 2.1
www.samhop.com.tw
Dec,14,2012
3
35
28
21
14
7
0
0
0.9
5.4
4.5
3.6
2.7
1.8
T j=125 C
25 C
-55 C
30
25
20
15
10
5
1
1
12
24
36
48
60
V GS =10V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
V GS =10V
ID=40A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
60
48
36
24
12
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =3.5V
VGS =4V
VGS =10V
VGS =4.5V
VGS =5V


Similar Part No. - STBP80L60

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STBP010 EIC-STBP010 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP011 EIC-STBP011 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP012 EIC-STBP012 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP013 EIC-STBP013 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP015 EIC-STBP015 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STBP80L60

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP652F SAMHOP-STP652F Datasheet
126Kb / 7P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com