Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61DLT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # BCW61DLT1
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW61DLT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  BCW61DLT1 Datasheet HTML 1Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 2Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 3Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 4Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 5Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M10–4/6
I
B , BASE CURRENT (mA)
Figure 6. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 9. Temperature Coefficients
V
CE , COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 7. Collector Characteristics
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltages
θ
VB for V BE
∗ θ
VC for V CE(sat)
V
BE(on)@ V CE= 1.0 V
V
CE(sat) @ I C /I B = 10
V
BE(sat) @ I C /I B = 10
T
J = 25°C
I
C= 1.0 mA
50 mA
100 mA
10 mA
T
A= 25°C
BCW61
T
A = 25°C
PULSE WIDTH =300
µs
DUTY CYCLE<2.0%
I
B= 400 µA
50
µA
100
µA
150
µA
200
µA
–55°C to 25°C
–55°C to 25°C
25°C to 125°C
25°C to 125°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.6
0.8
0
–0.8
–1.6
–2.4
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
0.8
0.6
0.4
0.2
0
0.002 0.0050.010.02
0.05 0.1 0.2
0.5 1.0 2.0
5.0
10
20
100
80
60
40
20
0
0
5.0
10
15
20
25
30
35
40
BCW61BLT1 BCW61CLT1 BCW61DLT1
TYPICAL STATIC CHARACTERISTICS
250
µA
300
µA
350
µA
*APPLIES for I
C / I B< h FE / 2


Similar Part No. - BCW61DLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW61DLT1 MOTOROLA-BCW61DLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
More results

Similar Description - BCW61DLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com