Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPS2085BSL1 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTPS2085BSL1
Description  Parallel Beam Point Source Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS2085BSL1 Datasheet(HTML) 1 Page - Marktech Corporate

  MTPS2085BSL1_15 Datasheet HTML 1Page - Marktech Corporate MTPS2085BSL1_15 Datasheet HTML 2Page - Marktech Corporate MTPS2085BSL1_15 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
80
mA
Forward Current (Pulse)*1
IFP
0.4
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
160
mW
Operating Temperature Range
Topr
-30 ~ +100
ºC
Storage Temperature Range
Tstg
-40 ~ +125
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec; *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 850nm
The 850nm infrared point source emitter is designed for applications requiring parallel beam angle, high
accurary and precision. Custom package solutions and sorting are available.
FEATURES
> High Power Output
> Emitting Window Diameter of 50µm
> Double Lens: Ball Lens & Focusing Lens
> High Reliability
APPLICATIONS
> Fiber Optics
> Linear & Rotary Encoder
> Optical Communications
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
0.5
0.7
--
mW
Forward Voltage
VF
IF=50mA
--
1.9
2.5
V
Reverse Current
IR
VR=5V
--
--
10
µA
Peak Emission Wavelength
λp
IF=50mA
--
850
--
nm
Spectral Line Half Width
λ
IF=50mA
--
30
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±10
--
deg
Cut-off Frequency
fc
*1
--
45
--
MHz
Parallel Beam Point Source Emitter
Product No:
MTPS2085BSL1
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2013-1-28
*1: IF=50mA+20mAp-p.


Similar Part No. - MTPS2085BSL1_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Peak Emission Wavelength: 850nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Parallel Beam Point Source Emitter
More results

Similar Description - MTPS2085BSL1_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BSL MARKTECH-MTPS2085BSL_15 Datasheet
591Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS_15 Datasheet
602Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS Datasheet
602Kb / 3P
   Parallel Beam Point Source Emitter
MTPS2085BSL MARKTECH-MTPS2085BSL Datasheet
591Kb / 3P
   Parallel Beam Point Source Emitter
MTPS4088WG MARKTECH-MTPS4088WG Datasheet
108Kb / 2P
   Point Source Emitter
MTPS3085MC MARKTECH-MTPS3085MC Datasheet
904Kb / 4P
   Infrared Point Source Emitter
MTPS8085PT MARKTECH-MTPS8085PT_15 Datasheet
683Kb / 3P
   Infrared Point Source Emitter
MTPS3085MC MARKTECH-MTPS3085MC_15 Datasheet
904Kb / 4P
   Infrared Point Source Emitter
MTPS3085WS MARKTECH-MTPS3085WS_15 Datasheet
810Kb / 3P
   Infrared Point Source Emitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com