Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW73LT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # BCW73LT1
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW73LT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  BCW73LT1 Datasheet HTML 1Page - Leshan Radio Company BCW73LT1 Datasheet HTML 2Page - Leshan Radio Company BCW73LT1 Datasheet HTML 3Page - Leshan Radio Company BCW73LT1 Datasheet HTML 4Page - Leshan Radio Company BCW73LT1 Datasheet HTML 5Page - Leshan Radio Company BCW73LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M14–3/6
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/ °K)
T
= Temperature of the Source Resistance ( °K)
R
s = Source Resistance ( Ω )
e
n
2 +4KTR
S +I n
2 R
S
2
4KTR
S
TYPICAL NOISE CHARACTERISTICS
(V
CE = 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 3. Noise Voltage
f, FREQUENCY (Hz)
Figure 4. Noise Current
I
C=1.0 mA
100
µA
300
µA
30
µA
10
µA
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE =
5.0 Vdc, T
A = 25°C)
20
10
7.0
5.0
3.0
2.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
50
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
2.0 dB
3.0 dB 4.0dB
6.0 dB
10 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
10 Hz to 15.7KHz
10
µA
1.0 dB
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
50
BCW72LT1
I
C , COLLECTOR CURRENT (µA)
Figure 5. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 7. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 6. Narrow Band, 1.0 kHz
~
BANDWIDTH = 1.0 Hz
R
S ~ 0
~
~
BANDWIDTH = 1.0 Hz
R
S


Similar Part No. - BCW73LT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW70 PHILIPS-BCW70 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 19
logo
Foshan Blue Rocket Elec...
BCW70 FOSHAN-BCW70 Datasheet
913Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
STMicroelectronics
BCW70 STMICROELECTRONICS-BCW70 Datasheet
38Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
Nexperia B.V. All right...
BCW70 NEXPERIA-BCW70 Datasheet
317Kb / 7P
   PNP general purpose transistors
2004 Feb 06
logo
Samsung semiconductor
BCW70 SAMSUNG-BCW70 Datasheet
29Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BCW73LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com