Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCWBLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BCWBLT1
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCWBLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  BCWBLT1 Datasheet HTML 1Page - Leshan Radio Company BCWBLT1 Datasheet HTML 2Page - Leshan Radio Company BCWBLT1 Datasheet HTML 3Page - Leshan Radio Company BCWBLT1 Datasheet HTML 4Page - Leshan Radio Company BCWBLT1 Datasheet HTML 5Page - Leshan Radio Company BCWBLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M9–2/6
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
( IC= 10
µAdc, V
CE = 5.0 Vdc )
BCW60A
20
BCW60B
30
BCW60D
100
( IC= 2.0 mAdc, VCE = 5.0 Vdc )
hFE
BCW60A
120
220
BCW60B
175
310
BCW60D
380
630
( IC= 50 mAdc, VCE = 1.0 Vdc )
hFE
BCW60A
60
BCW60B
70
BCW60D
100
AC Current Gain
hFE
( VCE = 5.0Vdc, IC= 2.0 mAdc,
BCW60A
125
250
f= 1.0 kHz )
BCW60B
175
350
BCW60D
350
700
Collector–Emitter Saturation Voltage
V CE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
0.55
( IC = 10 mAdc, IB = 0.25 mAdc )
0.35
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
0.7
1.05
( IC = 50 mAdc, IB = 0.25 mAdc )
0.6
0.85
Base–Emitter On Voltage
V BE(on)
Vdc
( IC = 2.0 mAdc, VCE = 5.0 Vdc )
0.6
0.75
SMSMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
125
MHz
(I C = 10 mAdc, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
4.5
pF
(V CE = 10 Vdc, I C = 0, f = 1.0 MHz)
Noise Figure
NF
6.0
dB
(V CE= 5.0 Vdc, I C= 0.2 mAdc, RS = 2.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
SWITCHING CHARACTERISTICS
Turn–On Time
t on
150
ns
(I C = 10 mAdc, I B1 = 1.0 mAdc)
Turn–Off Time
t off
800
ns
(I B2 = 1.0 mAdc, V BB = 3.6 Vdc, R 1 = R 2 = 5.0 k
Ω, R
L = 990
Ω)
BCW60ALT1 BCW60BLT1 BCW60DLT1
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
C
S < 4.0 pF*
10 k
+3.0 V
275
C
S < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
– 0.5 V
10 < t
1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
<1.0 ns
<1.0 ns
+10.9 V
t
1
– 9.1 V
0


Similar Part No. - BCWBLT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW29 PHILIPS-BCW29 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 13
logo
Zetex Semiconductors
BCW29 ZETEX-BCW29 Datasheet
32Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
KEC(Korea Electronics)
BCW29 KEC-BCW29 Datasheet
127Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Nexperia B.V. All right...
BCW29 NEXPERIA-BCW29 Datasheet
314Kb / 7P
   PNP general purpose transistors
2004 Jan 13
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCWBLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com