Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLC100 Datasheet(PDF) 3 Page - Littelfuse

Part # KLC100
Description  Semiconductor Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLC100 Datasheet(HTML) 3 Page - Littelfuse

  KLC100 Datasheet HTML 1Page - Littelfuse KLC100 Datasheet HTML 2Page - Littelfuse KLC100 Datasheet HTML 3Page - Littelfuse KLC100 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
82
Semiconductor Fuses
150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
ABC
D
E
F
G
H
1 – 30
1
1-1/2
3/8
13/32
————
(38.1)
(9.5)
(10.3)
31 – 60
1
2
5/8
13/16
————
(50.8)
(15.9)
(20.6)
61 – 450
3
1-5/32
1-7/8
2-3/16
2-21/32
1
43/64
5/16
3/16
(29.4)
(47.6)
(55.6)
(67.5)
(25.4)
(17.1)
(7.9)
(4.8)
451 – 1000
3
1-1/4
1-15/16
2-9/16
3-1/2
1-1/2
1
13/32
1/4
(31.8)
(49.2)
(65.1)
(88.9)
(38.1)
(25.4)
(10.3)
(6.4)
L15S SERIES, 150* VOLTS AC
(Replaces KLA, KLW, L13S)
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
ABC
D
E
F
G
H
1 – 30
1
2
1/2
9/16
————
(50.8)
(12.7)
(14.3)
31 – 60
2
1-5/8
2-1/4
2-1/2
3-3/16
13/16
23/32
11/32
1/8
(41.3)
(57.2)
(63.5)
(81.0)
(20.6)
(18.3)
(8.7)
(3.2)
61 – 200
3
1-5/8
2-5/16
2-7/16
3-1/8
1-7/32
1
5/16
3/16
(41.3)
(58.7)
(61.9)
(79.4)
(31.0)
(25.4)
(7.9)
(4.8)
201 – 700
3
1-19/32
2-9/32
2-29/32 3-27/32
1-1/2
1
13/32
1/4
(40.5)
(57.9)
(73.8)
(97.6)
(38.1)
(25.4)
(10.3)
(6.4)
701 – 800
3
1-19/32
2-9/32
2-29/32 3-27/32
2
1-1/2
13/32
1/4
(40.5)
(57.9)
(73.8)
(97.6)
(50.8)
(38.1)
(10.3)
(6.4)
L25S SERIES, 250 VOLTS AC
(Replaces KLB)
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
ABC
D
E
F
G
H
10 – 30
1
2
1/2
9/16
————
(50.8)
(12.7)
(14.3)
31 – 60
2
1-5/8
2-1/4
2-1/2
3-3/16
13/16
23/32
11/32
1/8
(41.3)
(57.2)
(63.5)
(81.0)
(20.6)
(18.3)
(8.7)
(3.2)
61 – 100
3
2-1/8
2-11/16
3-1/32
3-5/8
1
3/4
11/32
1/8
(54.0)
(68.3)
(77.0)
(92.1)
(25.4)
(19.1)
(8.7)
(3.2)
101 – 200
3
2-1/8
2-13/16 2-15/16
3-5/8
1-7/32
1
5/16
3/16
(54.0)
(71.4)
(74.6)
(92.1)
(31.0)
(25.4)
(7.9)
(4.8)
201 – 400
3
2-3/32
2-25/32 3-13/32 4-11/32
1-1/2
1
13/32
1/4
(53.2)
(70.6)
(86.5)
(110.3)
(38.1)
(25.4)
(10.3)
(6.4)
401 – 600
3
2-7/32
2-29/32 3-17/32 4-15/32
2
1-1/2
13/32
1/4
(56.4)
(73.8)
(89.7)
(113.5)
(50.8)
(38.1)
(10.3)
(6.4)
601 – 800
3
2-7/32
4-9/32
4-5/8
6-15/32
2-1/2
2
17/32
3/8
(56.4)
(108.7)
(117.5)
(164.3)
(63.5)
(50.8)
(13.5)
(9.5)
L50S SERIES, 500 VOLTS AC / 450 VOLTS DC
(Replaces KLH)
E
H
F
G
A
B
C
D
Fig, 2
A
C
D
Fig. 1


Similar Part No. - KLC100

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLC-50B KODENSHI-KLC-50B Datasheet
152Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50G KODENSHI-KLC-50G Datasheet
150Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50WC KODENSHI-KLC-50WC Datasheet
153Kb / 2P
   White Light Emitting Diode(InGaN)
logo
Schneider Electric
KLC80BE SCHNEIDER-KLC80BE Datasheet
39Kb / 1P
   SPEED DRIVE OUTPUT FILTER 460V 60HP ATV
Sep 14, 2021
logo
KOA Speer Electronics, ...
KLCAB1 KOA-KLCAB1 Datasheet
74Kb / 2P
   LTCC multilayer substrates
More results

Similar Description - KLC100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com