Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6237 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 4 Page - Linear Technology

  LT6237_15 Datasheet HTML 1Page - Linear Technology LT6237_15 Datasheet HTML 2Page - Linear Technology LT6237_15 Datasheet HTML 3Page - Linear Technology LT6237_15 Datasheet HTML 4Page - Linear Technology LT6237_15 Datasheet HTML 5Page - Linear Technology LT6237_15 Datasheet HTML 6Page - Linear Technology LT6237_15 Datasheet HTML 7Page - Linear Technology LT6237_15 Datasheet HTML 8Page - Linear Technology LT6237_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT6236/LT6237/LT6238
4
623637fb
For more information www.linear.com/LT6236
elecTrical characTerisTics T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VL
ENABLE Pin Input Voltage Low
0.3
V
VH
ENABLE Pin Input Voltage High
V+ – 0.35V
V
Output Leakage Current
ENABLE = V+ – 0.35V, VO = 1.5V to 3.5V
0.2
10
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k, VS = 5V
800
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k, VS = 5V
41
µs
GBW
Gain-Bandwidth Product
Frequency = 1MHz, VS = 5V
200
MHz
f–3db
–3dB Bandwidth
VS = 5V, RL = 100Ω
90
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 1.5V to 3.5V
42
60
V/µs
FPBW
Full-Power Bandwidth
VS = 5V, VOUT = 3VP-P (Note 9)
4.4
6.3
MHz
tS
Settling Time
0.1%, VS = 5V, VSTEP = 2V, AV = 1
0.01%
0.0015% (16-Bit)
4ppm (18-Bit)
50
60
240
570
ns
ns
ns
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
LT6236
LT6237MS8, LT6238GN
LT6237DD8
l
l
l
600
450
550
µV
µV
µV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
800
µV
VOS TC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
LT6238GN
l
l
l
l
0.5
0.3
0.4
0.5
2.0
1.4
2.2
2.2
µV/°C
µV/°C
µV/°C
µV/°C
IB
Input Bias Current
l
11
µA
IB Match (Channel-to-Channel) (Note 6)
l
1
µA
IOS
Input Offset Current
l
0.7
µA
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
l
l
l
78
17
4.1
V/mV
V/mV
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
VS = 3.3V, VO = 0.65V to 2.65V, RL = 1k to VS/2
l
l
66
13
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 5V, 0V
Vs = 3.3V, 0V
l
l
1.5
1.15
4
2.65
V
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
VS = 3.3V, VCM = 1.15V to 2.65V
l
l
90
85
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
l
85
dB
Minimum Supply Voltage (Note 7)
l
3
V
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3.3V, ISINK = 15mA
l
l
l
l
50
200
500
380
mV
mV
mV
mV
The l denotes the specifications which apply over the 0°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT =
half supply, ENABLE = 0V, unless otherwise noted.


Similar Part No. - LT6237_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6237 LINER-LT6237 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT6237_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com