Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8301 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8301
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8301_15 Datasheet HTML 4Page - Linear Technology LT8301_15 Datasheet HTML 5Page - Linear Technology LT8301_15 Datasheet HTML 6Page - Linear Technology LT8301_15 Datasheet HTML 7Page - Linear Technology LT8301_15 Datasheet HTML 8Page - Linear Technology LT8301_15 Datasheet HTML 9Page - Linear Technology LT8301_15 Datasheet HTML 10Page - Linear Technology LT8301_15 Datasheet HTML 11Page - Linear Technology LT8301_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8301
8
8301f
For more information www.linear.com/LT8301
OPERATION
The LT8301 is a simple to use micropower isolated flyback
converterhousedina5-leadTSOT-23package.Theoutput
voltage is programmed with a single external resistor. By
integratingtheloopcompensationandsoft-startinside,the
part further reduces the number of external components.
As shown in the Block Diagram, many of the blocks are
similar to those found in traditional switching regulators
including reference, regulators, oscillator, logic, current
amplifier, current comparator, driver, and power switch.
The novel sections include a flyback pulse sense circuit,
a sample-and-hold error amplifier, and a boundary mode
detector, as well as the additional logic for boundary
conduction mode, discontinuous conduction mode, and
low ripple Burst Mode operation.
Boundary Conduction Mode Operation
TheLT8301featuresboundaryconductionmodeoperation
at heavy load, where the chip turns on the primary power
switch when the secondary current is zero. Boundary
conduction mode is a variable frequency, variable peak-
current switching scheme. The power switch turns on
and the transformer primary current increases until an
internally controlled peak current limit. After the power
switch turns off, the voltage on the SW pin rises to the
output voltage multiplied by the primary-to-secondary
transformer turns ratio plus the input voltage. When the
secondary current through the output diode falls to zero,
the SW pin voltage collapses and rings around VIN. A
boundary mode detector senses this event and turns the
power switch back on.
Boundaryconductionmodereturnsthesecondarycurrent
to zero every cycle, so parasitic resistive voltage drops
do not cause load regulation errors. Boundary conduc-
tion mode also allows the use of smaller transformers
compared to continuous conduction mode and does not
exhibit sub-harmonic oscillation.
Discontinuous Conduction Mode Operation
As the load gets lighter, boundary conduction mode in-
creases the switching frequency and decreases the switch
peakcurrentatthesameratio.Runningatahigherswitching
frequency up to several MHz increases switching and gate
charge losses. To avoid this scenario, the LT8301 has an
additional internal oscillator, which clamps the maximum
switching frequency to be less than 430kHz (typ). Once
the switching frequency hits the internal frequency clamp,
the part starts to delay the switch turn-on and operates in
discontinuous conduction mode.
Low Ripple Burst Mode Operation
Unlike traditional flyback converters, the LT8301 has to
turn on and off at least for a minimum amount of time
and with a minimum frequency to allow accurate sampling
of the output voltage. The inherent minimum switch cur-
rent limit and minimum switch-off time are necessary to
guarantee the correct operation of specific applications.
As the load gets very light, the LT8301 starts to fold back
theswitchingfrequencywhilekeepingtheminimumswitch
current limit. So the load current is able to decrease while
still allowing minimum switch-off time for the sample-
and-hold error amplifier. Meanwhile, the part switches
betweensleepmodeandactivemode,therebyreducingthe
effective quiescent current to improve light load efficiency.
In this condition, the LT8301 operates in low ripple Burst
Mode. The 10kHz (typ) minimum switching frequency
determines how often the output voltage is sampled and
also the minimum load requirement.


Similar Part No. - LT8301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8301ES5#TRMPBF AD-LT8301ES5#TRMPBF Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8301ES5#WTRMPBF AD-LT8301ES5#WTRMPBF Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8301HS5#TRMPBF AD-LT8301HS5#TRMPBF Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8301HS5#WTRMPBF AD-LT8301HS5#WTRMPBF Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8301IS5#TRMPBF AD-LT8301IS5#TRMPBF Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
More results

Similar Description - LT8301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
logo
Linear Technology
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Analog Devices
LT8302 AD-LT8302 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Technology
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
   42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
   Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
   40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
LT3001 AD-LT3001 Datasheet
565Kb / 10P
   36V 4W No-Opto Isolated Flyback Converter
LT3002 AD-LT3002 Datasheet
799Kb / 12P
   36V 10W No-Opto Isolated Flyback Converter
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com