Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784217AY Datasheet(PDF) 1 Page - NEC

Part # UPD784217AY
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784217AY Datasheet(HTML) 1 Page - NEC

  UPD784217AY Datasheet HTML 1Page - NEC UPD784217AY Datasheet HTML 2Page - NEC UPD784217AY Datasheet HTML 3Page - NEC UPD784217AY Datasheet HTML 4Page - NEC UPD784217AY Datasheet HTML 5Page - NEC UPD784217AY Datasheet HTML 6Page - NEC UPD784217AY Datasheet HTML 7Page - NEC UPD784217AY Datasheet HTML 8Page - NEC UPD784217AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD784214A,784215A,784216A,784217A,784218A,784214AY,784215AY,784216AY,784217AY,784218AY
16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U14121EJ2V0DS00 (2nd edition)
Date Published August 2000 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPD784214A, 784215A, 784216A, 784217A, and 784218A are products of the µPD784216A/784218A
Subseries in the 78K/IV Series. Besides a high-speed and high performance CPU, these controllers have ROM,
RAM, I/O ports, 8-bit resolution A/D and D/A converters, timers, serial interfaces, a real-time output port, interrupt
functions, and various other peripheral hardware.
The
µPD784214AY, 784215AY, 784216AY, 784217AY, and 784218AY are based on the µPD784216Y/784218Y
Subseries with the addition of a multimaster-supporting I
2C bus interface.
The
µPD78F4218A and 78F4218AY, products with a flash memory instead of the internal ROM of mask ROM
versions, and various development tools are also available.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µµµµPD784216A, 784216AY Subseries User’s Manual Hardware: U13570E
µµµµPD784218A, 784218AY Subseries User’s Manual Hardware: U12970E
78K/IV Series User’s Manual Instructions:
U10905E
FEATURES
• 78K/IV Series
• Supply voltage: VDD = 1.8 to 5.5 V
• Standby function
• Inherits peripheral functions of
µPD78078, 78078Y
Subseries
HALT/STOP/IDLE mode
• Minimum instruction execution time
160 ns
In low-power consumption mode: HALT/IDLE mode
(with subsystem clock)
(@fXX = 12.5 MHz operation with main system clock)
• Clock division function
61
µs
• Watch timer: 1 channel
(@fXT = 32.768 kHz operation with subsystem clock)
• Watchdog timer: 1 channel
• I/O port: 86 pins
• Clock output function
• Timer/event counter:
• 16-bit timer/event counter × 1 unit
Selectable from fXX, fXX/2, fXX/2
2, fXX/23, fXX/24, fXX/25,
fXX/2
6, fXX/27, fXT
• 8-bit timer/event counter × 6 units
• Buzzer output function
• Serial interface: 3 channels
Selectable from fXX/2
10
, fXX/2
11
, fXX/2
12
, fXX/2
13
• UART/IOE (3-wire serial I/O): 2 channels
• A/D converter: 8-bit resolution × 8 channels
• CSI (3-wire serial I/O, I2C bus supporting
multimaster
Note): 2 channels
• D/A converter: 8-bit resolution × 2 channels
Note
µPD784216AY/784218AY Subseries only
APPLICATIONS
Cellular phones, PHS, cordless telephones, CD-ROM, AV equipment
Unless otherwise specified, references in this document to the
µµµµPD784218A, 784218AY refer to the
µµµµPD784214A, 784215A, 784216A, 784217A, 784218A, 784214AY, 784215AY, 784216AY, 784217AY, and
784218AY.
The mark
shows major revised points.
2000
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD784217AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784217AY NEC-UPD784217AY Datasheet
349Kb / 60P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD784217AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com